Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM22673-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM22673-Q1
Description  LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM22673-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  LM22673-Q1 Datasheet HTML 1Page - Texas Instruments LM22673-Q1 Datasheet HTML 2Page - Texas Instruments LM22673-Q1 Datasheet HTML 3Page - Texas Instruments LM22673-Q1 Datasheet HTML 4Page - Texas Instruments LM22673-Q1 Datasheet HTML 5Page - Texas Instruments LM22673-Q1 Datasheet HTML 6Page - Texas Instruments LM22673-Q1 Datasheet HTML 7Page - Texas Instruments LM22673-Q1 Datasheet HTML 8Page - Texas Instruments LM22673-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Exposed Pad
Connect to GND
5 IADJ
6 FB
3 BOOT
1 SW
2 VIN
4 GND
7 SS
Exposed Pad
Connect to GND
IADJ
3
FB
4
BOOT
1
NC
2
8
SW
7
VIN
6
GND
5
SS
LM22673, LM22673-Q1
www.ti.com
SNVS586O – SEPTEMBER 2008 – REVISED NOVEMBER 2014
5 Pin Configuration and Functions
8-Pin
HSOP
Top View
7-Pin
PFM
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
APPLICATION INFORMATION
SO
NAME
PFM
PowerPAD
BOOT
1
3
I
Bootstrap input
Provides the gate voltage for the high side NFET.
Pin is not electrically connected inside the chip.
NC
2
Not Connected
Pin does function as thermal conductor.
A resistor attached between this pin and GND can
IADJ
3
5
I
Current limit adjust input pin
be used to set the current limit threshold. Pin can
be left floating and internal setting will be default.
FB
4
6
I
Feedback input
Feedback input to regulator.
Used to increase soft-start time. See Soft-Start
SS
5
7
Soft-Start pin
section of data sheet.
Ground input to regulator;
GND
6
4
System ground pin.
system common
VIN
7
2
I
Input voltage
Supply input to the regulator.
SW
8
1
O
Switch output
Switching output of regulator.
Connect to ground. Provides thermal connection
EP
EP
EP
Exposed Pad
to PCB. See Thermal Considerations.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM22673 LM22673-Q1


Similar Part No. - LM22673-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22673 NSC-LM22673 Datasheet
511Kb / 18P
   3A SIMPLE SWITCHER, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22673MR-5.0 NSC-LM22673MR-5.0 Datasheet
511Kb / 18P
   3A SIMPLE SWITCHER, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22673MR-ADJ NSC-LM22673MR-ADJ Datasheet
511Kb / 18P
   3A SIMPLE SWITCHER, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22673MRE-5.0 NSC-LM22673MRE-5.0 Datasheet
511Kb / 18P
   3A SIMPLE SWITCHER, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22673MRE-ADJ NSC-LM22673MRE-ADJ Datasheet
511Kb / 18P
   3A SIMPLE SWITCHER, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
More results

Similar Description - LM22673-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM22674 TI-LM22674_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22674/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22670 TI1-LM22670_17 Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com