Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM21215A Datasheet(PDF) 21 Page - Texas Instruments

Part # LM21215A
Description  LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM21215A Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM21215A_15 Datasheet HTML 17Page - Texas Instruments LM21215A_15 Datasheet HTML 18Page - Texas Instruments LM21215A_15 Datasheet HTML 19Page - Texas Instruments LM21215A_15 Datasheet HTML 20Page - Texas Instruments LM21215A_15 Datasheet HTML 21Page - Texas Instruments LM21215A_15 Datasheet HTML 22Page - Texas Instruments LM21215A_15 Datasheet HTML 23Page - Texas Instruments LM21215A_15 Datasheet HTML 24Page - Texas Instruments LM21215A_15 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
CC2 =
CC1
S
fSWRC1 CC1 -1
= 71 pF
1
CC1 =
S
fLCRC1
= 1.99 nF
RC1 =
fCROSSOVER
fLC
'VRAMP
VIN
RFB1
=
100 kHz
17.4 kHz
10 k:
0.8 V
5.0 V
= 9.2 k:
fZ2 = fLC =
fP1 = fESR =
2
fP2 =
fsw
fZ1 =
fLC
2
1
2SRC1CC1
=
1
2S(RC1 + RFB1)CC3
CC1 + CC2
2SRC1 CC1CC2
1
2SRC2CC3
=
LM21215A
www.ti.com
SNOSB87B – MARCH 2011 – REVISED MARCH 2013
The dependancy of the pole and zero locations on the compensation components is described below.
An example of the step-by-step procedure to generate compensation component values using the typical
application setup (see Figure 40) is given. The parameters needed for the compensation values are given in the
table below.
Parameter
Value
VIN
5.0V
VOUT
1.2V
IOUT
15A
fCROSSOVER
100 kHz
L
0.56 µH
RDCR
1.8 m
CO
150 µF
RESR
1.0 m
ΔVRAMP
0.8V
fSW
500 kHz
where
ΔVRAMP is the oscillator peak-to-peak ramp voltage (nominally 0.8V), and fCROSSOVER is the frequency at
which the open-loop gain is a magnitude of 1. It is recommended that the fcrossover not exceed one-fifth of the
switching frequency. The output capacitance, CO, depends on capacitor chemistry and bias voltage. For Multi-
Layer Ceramic Capacitors (MLCC), the total capacitance will degrade as the DC bias voltage is increased.
Measuring the actual capacitance value for the output capacitors at the output voltage is recommended to
accurately calculate the compensation network. The example given here is the total output capacitance using the
three MLCC output capacitors biased at 1.2V, as seen in the typical application schematic, Figure 40. Note that it
is more conservative, from a stability standpoint, to err on the side of a smaller output capacitance value in the
compensation calculations rather than a larger, as this will result in a lower bandwidth but increased phase
margin.
First, a the value of RFB1 should be chosen. A typical value is 10kΩ. From this, the value of RC1 can be
calculated to set the mid-band gain so that the desired crossover frequency is achieved:
(13)
Next, the value of CC1 can be calculated by placing a zero at half of the LC double pole frequency (fLC):
(14)
Now the value of CC2 can be calculated to place a pole at half of the switching frequency (fSW):
(15)
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM21215A


Similar Part No. - LM21215A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM21215A TI1-LM21215A_16 Datasheet
1Mb / 38P
[Old version datasheet]   15-A Ultra High-Efficiency Synchronous Buck Converter
More results

Similar Description - LM21215A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM21215A TI1-LM21215A Datasheet
493Kb / 26P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A Synchronous Buck Regulator with Frequency Synchronization
LM21212-1 TI-LM21212-1_15 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM21215MHX TI1-LM21215MHX Datasheet
1Mb / 33P
[Old version datasheet]   15A High Efficiency Point of Load Synchronous Buck Regulator
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM21212-2 TI1-LM21212-2_14 Datasheet
1Mb / 32P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21212-2 TI-LM21212-2_15 Datasheet
1Mb / 31P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com