Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM21212-2 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM21212-2
Description  12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM21212-2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM21212-2_15 Datasheet HTML 7Page - Texas Instruments LM21212-2_15 Datasheet HTML 8Page - Texas Instruments LM21212-2_15 Datasheet HTML 9Page - Texas Instruments LM21212-2_15 Datasheet HTML 10Page - Texas Instruments LM21212-2_15 Datasheet HTML 11Page - Texas Instruments LM21212-2_15 Datasheet HTML 12Page - Texas Instruments LM21212-2_15 Datasheet HTML 13Page - Texas Instruments LM21212-2_15 Datasheet HTML 14Page - Texas Instruments LM21212-2_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
SHORT-CIRCUIT
Iclf
Iclr
VSS
VFB
VOUT
VSW
IL
CURRENT LIMIT
SHORT-CIRCUIT
REMOVED
100 mV
LM21212-2
www.ti.com
SNVS715A – MARCH 2011 – REVISED MARCH 2013
Figure 23. Current Limit Conditions
THERMAL PROTECTION
Internal thermal shutdown circuitry is provided to protect the integrated circuit in the event that the maximum
junction temperature is exceeded. When activated, typically at 165°C, the LM21212-2 tri-states the power FETs
and resets soft start. After the junction cools to approximately 155°C, the device starts up using the normal start
up routine. This feature is provided to prevent catastrophic failures from accidental device overheating. Note that
thermal limit will not stop the die from operating above the specified operating maximum temperature,125°C. The
die should be kept under 125°C to ensure correct operation.
POWERGOOD FLAG
The PGOOD pin provides the user with a way to monitor the status of the LM21212-2. In order to use the
PGOOD pin, the application must provide a pull-up resistor to a desired DC voltage (i.e. Vin). PGOOD will
respond to a fault condition by pulling the PGOOD pin low with the open-drain output. PGOOD will pull low on
the following conditions – 1) VFB moves above or below the VOVP or VUVP, respectively 2) The enable pin is
brought below the enable threshold 3) The device enters a pre-biased output condition (VFB>VSS).
Figure 24 shows the conditions that will cause PGOOD to fall.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM21212-2


Similar Part No. - LM21212-2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM21212-2 TI1-LM21212-2_14 Datasheet
1Mb / 32P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
More results

Similar Description - LM21212-2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM21212-2 TI1-LM21212-2_14 Datasheet
1Mb / 32P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21212-1 TI-LM21212-1_15 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator with Frequency Synchronization
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC24055 MICREL-MIC24055 Datasheet
1Mb / 29P
   12V, 12A High-Efficiency Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com