Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

700D227912-409 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 700D227912-409
Description  700D227912-409
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

700D227912-409 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  700D227912-409 Datasheet HTML 1Page - List of Unclassifed Manufacturers 700D227912-409 Datasheet HTML 2Page - List of Unclassifed Manufacturers 700D227912-409 Datasheet HTML 3Page - List of Unclassifed Manufacturers 700D227912-409 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Power Ring Film CapacitorsTM
SBE Inc. 81 Parker Road
telephone:
802.476.4146
web site:
www.SBElectronics.com
Barre, Vermont 05641 USA
fax:
802.661.3950
e-mail:
PowerRing@SBElectronics.com
SBE Part 700D227912-409
SBE reserves the right to amend design data
Advantages of Power Ring DC Link Capacitors
• Abilitytohandlehigherripplecurrentswithless
capacitance,weight,andvolume
• Useof105°CICEcoolantforpower
electronics cooling
• DemonstratedMTTF>>20,000hoursforrealistic
operatingconditions,duetolowerlossesand
betterthermalperformance
• MinimizationofIGBTovershootandeliminationofthe
needforadditionalsnubbercapacitors
• MosteffectiveisolationofDCstorageorsupply
fromACswitchingartifacts
• LowestindustryESLat<5nHtypicalwitha
properly integrated bus structure
• Smaller inverter packaging
• Overall system cost savings
• Capacitancefrom400µFto2500µFandvoltages
from250Vdcto1200Vdc
TheSBEPowerRingFilmCapacitors™utilizetradition-
ally available and economical polypropylene and poly-
estercapacitordielectricfilms.However,thepower
of the shape™allowsforboththermalandelectrical
performancewhichhasbeenunachievableinthefilm
capacitor industry to date.
Power Ring System Performance
ThecombinationoflowestavailableTrise,ESRandESL
coupledwithhighestripplecurrenthandlingcapability
enablethedevelopmentofindustryleadinginverter
designswithunbeatableperformanceandreliability.
Lowest available Trise for a given ripple current
Lowest available ESL, less than 5nH demonstrated with
optimal integrated bus
Lowest available ESR, less than 150 micro-Ohms typical
Crownterminalarchitectureprovidesforamultitude
ofcurrentpathswhichallowsthemonolithiccapacitor
tofunctionasadistributedelementwithamuchlower
ESRthananequivalentarrayofsmallerparts.SBEhas
developedanextgenerationcapacitorsimulationtool
thatallowsaccuratecalculationofhotspottempera-
turetoallowoptimalratingwithexcellentreliability.
Integrating the Power Ring in an Existing Design
The“stacked”inverterdesignevolvesfrommodifying
atypicalautomotiveinverterbyutilizingtheexcess
spaceleftabovetheIGBTmodule(figure1).Bybend-
ingtheendofthelaminarbusplate,theIBGT,die,
coolingplate,andtheringcapacitorare“stacked”on
topofeachotherinasymmetricalfashion.Thering
capacitor is placed underneath the cooling plate.
ThecoolingplateissharedwiththeIGBTmodule
whichismountedonthetop.
Figure 1
Figure 2
Figure2showsthe“stacked”inverterdesignafterthe
integrationoftheringcapacitorandthelaminarbus
plate.Bynowcombiningbothaspectsofverticalinte-
grationandthelowtemperaturerisecharacteristics
ofthecapacitors,anincreaseto50%ormorevolume
reductionisrealisticallypossible.Theseimprovements
clearlytranslateintoweightandcostreductions.


Similar Part No. - 700D227912-409

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
700D21799-406 ETC2-700D21799-406 Datasheet
263Kb / 3P
   Power Ring Film Capacitors?
More results

Similar Description - 700D227912-409

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
40903034001 MACOM-40903034001 Datasheet
174Kb / 2P
   Power PCB Relay 409
logo
PHOENIX CONTACT
1319569 PHOENIX-1319569 Datasheet
498Kb / 9P
   LED enclosure light - PLD E 409 W 350
Nov 16, 2022
1319573 PHOENIX-1319573 Datasheet
498Kb / 9P
   LED enclosure light - PLD E 409 W 350 MS
Nov 16, 2022
logo
Vishay Siliconix
DG508A-MIL VISHAY-DG508A-MIL Datasheet
177Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
logo
ATGBICS by Approved Tec...
409-10140-C ATGBICS-409-10140-C Datasheet
366Kb / 10P
   409-10140 Dell Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
logo
ON Semiconductor
NTMFS0D7N03CG ONSEMI-NTMFS0D7N03CG Datasheet
218Kb / 7P
   MOSFET - Power, Single N-Channel, SO8-FL 30 V, 0.65 m, 409 A
June, 2021 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com