Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

700D227912-409 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 700D227912-409
Description  700D227912-409
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

700D227912-409 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  700D227912-409 Datasheet HTML 1Page - List of Unclassifed Manufacturers 700D227912-409 Datasheet HTML 2Page - List of Unclassifed Manufacturers 700D227912-409 Datasheet HTML 3Page - List of Unclassifed Manufacturers 700D227912-409 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Power Ring Film CapacitorsTM
At the Leading Edge of Film Capacitor Technology®
SBE Part 700D227912-409
SBE reserves the right to amend design data
Mechanical Mounting and Additional Thermal Notes:
Thiscapacitorisoptimizedforextremelylowself
inductancewhenconnectedtoasuitablelaminarbus
structure.Whensoconnected,thecapacitorisvery
rigidlyattachedtosuchastructureandthusdoesnot
necessarilyneedtobemountedtoachassis.However,
thecapacitorcasecanbeattachedtoanapplication
surface/heatsink,etc.ifdesired.Whensomounted,
thecapacitorcanbepartofthebusstructuresup-
port.Useofthermalinterfacecompoundbetweenthe
capacitorcaseandapplicationsurface/heatsinkwill
assistwithremovalofcapacitorandbusheat.Note
thatthecapacitorinternalheatingisVERYsmall,and
otherbusstructureheatsourcesareverylikelysignifi-
cantly higher than the heat added to the bus by the
capacitor.Capacitordissipationisapproximately5Wat
141Arms,from1-100KHz.Itishighlyrecommendedto
useinfraredthermalimagingfromasystemcoldstart
todeterminethelocationandrelativemagnitudeof
thermalinputtothebus.Thecapacitormaywellfunc-
tionasathermalconduitforbusstructureheat,and
itwillbeverypossiblethatthecapacitorinternalhot
spot is less than the terminal temperature.
Thermalcontourmapsareavailableforsomerepre-
sentativeconditions.
Layout Details:
Contact SBE Inc. to discuss your specific requirements.
8.746
Bolt Circle
6.868
Bolt Circle
4X .197±.005 THRU
Accepts 1/4" Plastite Screw
40 in-lbs MAX Torque
9.252
Bolt Circle
8.465
.165 THRU
M5X0.8 - 6H THRU
22.5°
7X 45.0°
A
.020 A B C
.020 M A B C
B
C
2.157
.263
.040
16 Surfaces
A
.280
.500
1.000
.663
DETAIL A
SCALE 1 : 1
NOTES:
All Hole Positions Inspected
1.
All Dimensions Inspected Unless
2.
Marked As Reference
Revisions
REV.
DESCRIPTION
CHG
BY
CHK
BY
APR
BY
DATE
01
Initial Release
-
-
-
-
02
Standardized Layout View
AGH MGS MSB
12/14/2010
FINISH
DO NOT SCALE DRAWING
11/12/2010
MSB
UNLESS OTHERWISE SPECIFIED:
ALL DIMENSIONS ARE IN INCHES
CHECKED
DRAWN
MATERIAL
GEOMETRIC TOLERANCING PER: Y14.5-2009
ENG APPR.
NON-TOLERANCED DIMENSIONS ARE BASIC
DMB
11/12/2010
SHEET 1 OF 1
TITLE
Power Ring Capacitor,
225uF, 1200VDC
SIZE A REV
SBE, INC.
81 PARKER ROAD
BARRE, VT 05641 USA
802.476.4146 FAX: 802.661.3950
PROPRIETARY AND CONFIDENTIAL
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF SBE. ANY
REPRODUCTION IN PART OR AS A WHOLE WITHOUT THE WRITTEN PERMISSION OF SBE IS PROHIBITED.
02
700D409LV
.010 A B C
MGS
DWG. NO.
1/28/2010


Similar Part No. - 700D227912-409

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
700D21799-406 ETC2-700D21799-406 Datasheet
263Kb / 3P
   Power Ring Film Capacitors?
More results

Similar Description - 700D227912-409

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
40903034001 MACOM-40903034001 Datasheet
174Kb / 2P
   Power PCB Relay 409
logo
PHOENIX CONTACT
1319569 PHOENIX-1319569 Datasheet
498Kb / 9P
   LED enclosure light - PLD E 409 W 350
Nov 16, 2022
1319573 PHOENIX-1319573 Datasheet
498Kb / 9P
   LED enclosure light - PLD E 409 W 350 MS
Nov 16, 2022
logo
Vishay Siliconix
DG508A-MIL VISHAY-DG508A-MIL Datasheet
177Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
logo
ATGBICS by Approved Tec...
409-10140-C ATGBICS-409-10140-C Datasheet
366Kb / 10P
   409-10140 Dell Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
logo
ON Semiconductor
NTMFS0D7N03CG ONSEMI-NTMFS0D7N03CG Datasheet
218Kb / 7P
   MOSFET - Power, Single N-Channel, SO8-FL 30 V, 0.65 m, 409 A
June, 2021 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com