Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N60KG-TMS-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 3N60KG-TMS-T
Description  N-CHANNEL DEPLETION-MODE POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N60KG-TMS-T Datasheet(HTML) 7 Page - Unisonic Technologies

  3N60KG-TMS-T Datasheet HTML 1Page - Unisonic Technologies 3N60KG-TMS-T Datasheet HTML 2Page - Unisonic Technologies 3N60KG-TMS-T Datasheet HTML 3Page - Unisonic Technologies 3N60KG-TMS-T Datasheet HTML 4Page - Unisonic Technologies 3N60KG-TMS-T Datasheet HTML 5Page - Unisonic Technologies 3N60KG-TMS-T Datasheet HTML 6Page - Unisonic Technologies 3N60KG-TMS-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
3N60K-MK
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R205-010.b
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 3N60KG-TMS-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N60KG-TMS-T UTC-3N60KG-TMS-T Datasheet
251Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - 3N60KG-TMS-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
11N60K-MT UTC-11N60K-MT Datasheet
220Kb / 6P
   N-CHANNEL DEPLETION-MODE POWER MOSFET
2N65-C UTC-2N65-C Datasheet
247Kb / 7P
   N-CHANNEL DEPLETION-MODE POWER MOSFET
UF601Q UTC-UF601Q Datasheet
178Kb / 3P
   N-CHANNEL DEPLETION-MODE POWER MOSFET
UF601 UTC-UF601_15 Datasheet
194Kb / 3P
   N-CHANNEL DEPLETION-MODE POWER MOSFET
logo
Supertex, Inc
LND150 SUTEX-LND150 Datasheet
88Kb / 4P
   N-Channel Depletion-Mode MOSFET
LND250 SUTEX-LND250 Datasheet
69Kb / 2P
   N-Channel Depletion-Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM126 TSC-TSM126 Datasheet
601Kb / 7P
   N-Channel Depletion-Mode MOSFET
logo
Bruckewell Technology L...
DMS05N60 BWTECH-DMS05N60 Datasheet
565Kb / 3P
   N-Channel Depletion-Mode MOSFET
logo
Unisonic Technologies
UF601 UTC-UF601 Datasheet
173Kb / 3P
   0.185A, 600V N-CHANNEL DEPLETION-MODE POWER MOSFET
logo
TEMIC Semiconductors
ND2020 TEMIC-ND2020 Datasheet
76Kb / 4P
   N-Channel Depletion-Mode MOSFET Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com