Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N60KG-TMS-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 3N60KG-TMS-T
Description  N-CHANNEL DEPLETION-MODE POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N60KG-TMS-T Datasheet(HTML) 6 Page - Unisonic Technologies

  3N60KG-TMS-T Datasheet HTML 1Page - Unisonic Technologies 3N60KG-TMS-T Datasheet HTML 2Page - Unisonic Technologies 3N60KG-TMS-T Datasheet HTML 3Page - Unisonic Technologies 3N60KG-TMS-T Datasheet HTML 4Page - Unisonic Technologies 3N60KG-TMS-T Datasheet HTML 5Page - Unisonic Technologies 3N60KG-TMS-T Datasheet HTML 6Page - Unisonic Technologies 3N60KG-TMS-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3N60K-MK
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R205-010.b
TEST CIRCUITS AND WAVEFORMS (Cont.)
Switching Test Circuit
Switching Waveforms
Gate Charge Test Circuit
Gate Charge Waveform
D.U.T.
RD
10V
VDS
L
VDD
tp
VDD
tp
Time
BVDSS
IAS
ID(t)
VDS(t)
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms


Similar Part No. - 3N60KG-TMS-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N60KG-TMS-T UTC-3N60KG-TMS-T Datasheet
251Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - 3N60KG-TMS-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
11N60K-MT UTC-11N60K-MT Datasheet
220Kb / 6P
   N-CHANNEL DEPLETION-MODE POWER MOSFET
2N65-C UTC-2N65-C Datasheet
247Kb / 7P
   N-CHANNEL DEPLETION-MODE POWER MOSFET
UF601Q UTC-UF601Q Datasheet
178Kb / 3P
   N-CHANNEL DEPLETION-MODE POWER MOSFET
UF601 UTC-UF601_15 Datasheet
194Kb / 3P
   N-CHANNEL DEPLETION-MODE POWER MOSFET
logo
Supertex, Inc
LND150 SUTEX-LND150 Datasheet
88Kb / 4P
   N-Channel Depletion-Mode MOSFET
LND250 SUTEX-LND250 Datasheet
69Kb / 2P
   N-Channel Depletion-Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM126 TSC-TSM126 Datasheet
601Kb / 7P
   N-Channel Depletion-Mode MOSFET
logo
Bruckewell Technology L...
DMS05N60 BWTECH-DMS05N60 Datasheet
565Kb / 3P
   N-Channel Depletion-Mode MOSFET
logo
Unisonic Technologies
UF601 UTC-UF601 Datasheet
173Kb / 3P
   0.185A, 600V N-CHANNEL DEPLETION-MODE POWER MOSFET
logo
TEMIC Semiconductors
ND2020 TEMIC-ND2020 Datasheet
76Kb / 4P
   N-Channel Depletion-Mode MOSFET Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com