Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N50KG-TMS2-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 3N50KG-TMS2-T
Description  N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N50KG-TMS2-T Datasheet(HTML) 3 Page - Unisonic Technologies

  3N50KG-TMS2-T Datasheet HTML 1Page - Unisonic Technologies 3N50KG-TMS2-T Datasheet HTML 2Page - Unisonic Technologies 3N50KG-TMS2-T Datasheet HTML 3Page - Unisonic Technologies 3N50KG-TMS2-T Datasheet HTML 4Page - Unisonic Technologies 3N50KG-TMS2-T Datasheet HTML 5Page - Unisonic Technologies 3N50KG-TMS2-T Datasheet HTML 6Page - Unisonic Technologies 3N50KG-TMS2-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3N50K-MK
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R205-036.B
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Drain Current
Continuous (TC=25°C)
ID
3 (Note 5)
A
Pulsed (Note 2)
IDM
12 (Note 5)
A
Avalanche Current (Note 2)
IAR
3
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
150
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
TO-220
PD
75
W
TO-220F/TO-220F1
TO-220F3
25
W
TO-220F2
26
W
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252/TO-252D
50
W
Derate above 25°C
TO-220
PD
0.5
W/°C
TO-220F/TO-220F1
TO-220F3
0.2
W/°C
TO-220F2
0.208
W/°C
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252/TO-252D
0.4
W/°C
Power Dissipation
PD
36
W
Derate above 25°C
0.288
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
3. L = 33.3 mH, IAS = 3A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
4. ISD ≤ 3A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
5. Drain current limited by maximum junction temperature.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
TO-220/TO-220F
TO-220F1/TO-220F2
TO-220F3
θJA
62.5
°C/W
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252/TO-252D
110
Junction to Case
TO-220
θJC
1.67
°C/W
TO-220F/TO-220F1
TO-220F3
4.9
TO-220F2
4.8
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252/TO-252D
2.5


Similar Part No. - 3N50KG-TMS2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N50 UTC-3N50 Datasheet
173Kb / 6P
   3 Amps, 500 Volts N-CHANNEL POWER MOSFET
3N50 UTC-3N50 Datasheet
181Kb / 6P
   3A, 500V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
3N50 ISC-3N50 Datasheet
49Kb / 2P
   Fast Switching
3N50-220 ISC-3N50-220 Datasheet
166Kb / 2P
   isc N-Channel MOSFET Transistor
3N50-TO-3 ISC-3N50-TO-3 Datasheet
161Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 3N50KG-TMS2-T

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PPNGZ52F120A MICROSEMI-PPNGZ52F120A Datasheet
102Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Unisonic Technologies
1N50A UTC-1N50A Datasheet
194Kb / 5P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
30N06V-Q UTC-30N06V-Q Datasheet
205Kb / 6P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP25G45GEM A-POWER-AP25G45GEM Datasheet
69Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Silicon Standard Corp.
SSM20G45EGH SSC-SSM20G45EGH Datasheet
763Kb / 7P
   N-channel Insulated-Gate Bipolar Transistor
SSM28G45EM SSC-SSM28G45EM Datasheet
263Kb / 4P
   N-CHANNEL INSULATED-GATE BIPOLAR TRANSISTOR
logo
Unisonic Technologies
UG25N45 UTC-UG25N45 Datasheet
184Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP20GT60P-HF A-POWER-AP20GT60P-HF Datasheet
65Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP30G40GEO-HF A-POWER-AP30G40GEO-HF Datasheet
60Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP40G120W A-POWER-AP40G120W Datasheet
99Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Microsemi Corporation
MSAGX75F60A MICROSEMI-MSAGX75F60A Datasheet
45Kb / 2P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com