Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N90L-TM3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 3N90L-TM3-T
Description  N-CHANNEL FAST SWITCHING MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N90L-TM3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  3N90L-TM3-T Datasheet HTML 1Page - Unisonic Technologies 3N90L-TM3-T Datasheet HTML 2Page - Unisonic Technologies 3N90L-TM3-T Datasheet HTML 3Page - Unisonic Technologies 3N90L-TM3-T Datasheet HTML 4Page - Unisonic Technologies 3N90L-TM3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3N90-E
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R205-007.C
TYPICAL CHARACTERISTICS
Drain Current vs. Drain-Source
Breakdown Voltage
0
Drain-Source Breakdown Voltage, BVDSS(V)
200
0
1
0
0
50
Drain Current vs. Gate Threshold Voltage
Gate Threshold Voltage, VTH (V)
34
100
150
200
250
300
50
150
200
250
300
100
25
400
600
800
1000
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 3N90L-TM3-T

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
3N90L-TM3-T DOINGTER-3N90L-TM3-T Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - 3N90L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTM6016 UTC-UTM6016 Datasheet
244Kb / 6P
   N-CHANNEL FAST SWITCHING MOSFET
UF740-E UTC-UF740-E Datasheet
343Kb / 6P
   N-CHANNEL FAST SWITCHING MOSFET
UTM6006 UTC-UTM6006 Datasheet
385Kb / 7P
   N-CHANNEL FAST SWITCHING MOSFET
logo
uPI Group Inc.
QN3102M3N UPI-QN3102M3N Datasheet
3Mb / 8P
   N-Channel 30V Fast Switching MOSFET
QN3108M3N UPI-QN3108M3N Datasheet
1Mb / 8P
   N-Channel 30V Fast Switching MOSFET
QN3102M6N UPI-QN3102M6N Datasheet
611Kb / 8P
   N-Channel 30V Fast Switching MOSFET
QN3120M6N UPI-QN3120M6N Datasheet
611Kb / 8P
   N-Channel 30V Fast Switching MOSFET
QM3002D UPI-QM3002D Datasheet
583Kb / 8P
   N-Channel 30V Fast Switching MOSFET
QM3016AM3 UPI-QM3016AM3 Datasheet
568Kb / 8P
   N-Channel 30V Fast Switching MOSFET
QM2530M7 UPI-QM2530M7 Datasheet
438Kb / 6P
   N-Channel 20V Fast Switching MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com