Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N70K-MK Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 3N70K-MK
Description  N-CHANNEL JUNCTIN SILICON FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N70K-MK Datasheet(HTML) 5 Page - Unisonic Technologies

  3N70K-MK Datasheet HTML 1Page - Unisonic Technologies 3N70K-MK Datasheet HTML 2Page - Unisonic Technologies 3N70K-MK Datasheet HTML 3Page - Unisonic Technologies 3N70K-MK Datasheet HTML 4Page - Unisonic Technologies 3N70K-MK Datasheet HTML 5Page - Unisonic Technologies 3N70K-MK Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3N70K-MK
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R205-012.a
TEST CIRCUITS AND WAVEFORMS (Cont.)
VGS
D.U.T.
RG
10V
VDS
RL
VDD
Pulse Width≤1μs
Duty Factor≤0.1%
VDS
90%
10%
VGS
tD(ON)
tR
tD(OFF)
tF
Switching Test Circuit
Switching Waveforms
50kΩ
0.3μF
DUT
VDS
Same Type
as D.U.T.
0.2μF
12V
VGS
3mA
10V
Charge
QGS
QGD
QG
VGS
Gate Charge Test Circuit
Gate Charge Waveform
VDD
tp
Time
BVDSS
IAS
ID(t)
VDS(t)
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms


Similar Part No. - 3N70K-MK

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N70K UTC-3N70K Datasheet
270Kb / 7P
   3A, 700V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
3N70K VBSEMI-3N70K Datasheet
1Mb / 8P
   N-Channel 700 V (D-S) Power MOSFET
logo
Unisonic Technologies
3N70KG-TF3-T UTC-3N70KG-TF3-T Datasheet
270Kb / 7P
   3A, 700V N-CHANNEL POWER MOSFET
3N70KG-TN3-R UTC-3N70KG-TN3-R Datasheet
270Kb / 7P
   3A, 700V N-CHANNEL POWER MOSFET
3N70KG-TN3-T UTC-3N70KG-TN3-T Datasheet
270Kb / 7P
   3A, 700V N-CHANNEL POWER MOSFET
More results

Similar Description - 3N70K-MK

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3458 UTC-UT3458_15 Datasheet
180Kb / 4P
   N-CHANNEL JUNCTIN SILICON FET
4N70K-TA UTC-4N70K-TA Datasheet
271Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
4N60K-MT UTC-4N60K-MT Datasheet
241Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
2N50K-TA UTC-2N50K-TA Datasheet
208Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
11NM40 UTC-11NM40 Datasheet
229Kb / 6P
   N-CHANNEL JUNCTIN SILICON FET
13N50K UTC-13N50K Datasheet
208Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
2N70K UTC-2N70K_15 Datasheet
283Kb / 6P
   N-CHANNEL JUNCTIN SILICON FET
UT4114 UTC-UT4114 Datasheet
179Kb / 4P
   N-CHANNEL JUNCTIN SILICON FET
2SK3666 UTC-2SK3666 Datasheet
150Kb / 4P
   N-CHANNEL JUNCTIN SILICON FET
UT75N03 UTC-UT75N03_15 Datasheet
197Kb / 3P
   N-CHANNEL JUNCTIN SILICON FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com