Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N50KG-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N50KG-TA3-T
Description  N-CHANNEL JUNCTIN SILICON FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N50KG-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  2N50KG-TA3-T Datasheet HTML 1Page - Unisonic Technologies 2N50KG-TA3-T Datasheet HTML 2Page - Unisonic Technologies 2N50KG-TA3-T Datasheet HTML 3Page - Unisonic Technologies 2N50KG-TA3-T Datasheet HTML 4Page - Unisonic Technologies 2N50KG-TA3-T Datasheet HTML 5Page - Unisonic Technologies 2N50KG-TA3-T Datasheet HTML 6Page - Unisonic Technologies 2N50KG-TA3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2N50K-TA
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R205-031.A
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2N50KL-TA3-T
2N50KG-TA3-T
TO-220
G
D
S
Tube
2N50KL-TF3-T
2N50KG-TF3-T
TO-220F
G
D
S
Tube
2N50KL-TF1-T
2N50KG-TF1-T
TO-220F1
G
D
S
Tube
2N50KL-TF2-T
2N50KG-TF2-T
TO-220F2
G
D
S
Tube
2N50KL-TF3T-T
2N50KG-TF3T-T
TO-220F3
G
D
S
Tube
2N50KL-TM3-T
2N50KG-TM3-T
TO-251
G
D
S
Tube
2N50KL-TMS-T
2N50KG-TMS-T
TO-251S
G
D
S
Tube
2N50KL-TN3-R
2N50KG-TN3-R
TO-252
G
D
S
Tape Reel
2N50KL-TND-R
2N50KG-TND-R
TO-252D
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
(1) T: Tube, R: Tape Reel
(2) TA3: TO-220, TF3: TO-220F, TF1: TO-220F1,
TF2: TO-220F2, TF3T: TO-220F3, TM3: TO-251,
TMS: TO-251S, TN3: TO-252, TND: TO-252D
(3) L: Lead Free, G: Halogen Free and Lead Free
2N50KL-TA3-T
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING


Similar Part No. - 2N50KG-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N50 UTC-2N50 Datasheet
173Kb / 6P
   2 Amps, 500 Volts N-CHANNEL POWER MOSFET
2N50 UTC-2N50 Datasheet
181Kb / 6P
   2A, 500V N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
2N5000 NJSEMI-2N5000 Datasheet
108Kb / 2P
   N-P-N SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2N5001 ETC-2N5001 Datasheet
280Kb / 6P
   HIGH ENERCY NPN TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5001 NJSEMI-2N5001 Datasheet
129Kb / 1P
   30 WATT PNP POWER TRANSISTOR
More results

Similar Description - 2N50KG-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3458 UTC-UT3458_15 Datasheet
180Kb / 4P
   N-CHANNEL JUNCTIN SILICON FET
4N70K-TA UTC-4N70K-TA Datasheet
271Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
4N60K-MT UTC-4N60K-MT Datasheet
241Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
11NM40 UTC-11NM40 Datasheet
229Kb / 6P
   N-CHANNEL JUNCTIN SILICON FET
13N50K UTC-13N50K Datasheet
208Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
2N70K UTC-2N70K_15 Datasheet
283Kb / 6P
   N-CHANNEL JUNCTIN SILICON FET
3N70K-MK UTC-3N70K-MK Datasheet
212Kb / 6P
   N-CHANNEL JUNCTIN SILICON FET
UT4114 UTC-UT4114 Datasheet
179Kb / 4P
   N-CHANNEL JUNCTIN SILICON FET
2SK3666 UTC-2SK3666 Datasheet
150Kb / 4P
   N-CHANNEL JUNCTIN SILICON FET
UT75N03 UTC-UT75N03_15 Datasheet
197Kb / 3P
   N-CHANNEL JUNCTIN SILICON FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com