Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N40A Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1N40A
Description  N-CHANNEL ENHANCEMENT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N40A Datasheet(HTML) 1 Page - Unisonic Technologies

  1N40A Datasheet HTML 1Page - Unisonic Technologies 1N40A Datasheet HTML 2Page - Unisonic Technologies 1N40A Datasheet HTML 3Page - Unisonic Technologies 1N40A Datasheet HTML 4Page - Unisonic Technologies 1N40A Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1N40A
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R205-029.b
1A, 400V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 1N40A is an N-channel mode power MOSFET using
UTC’ s advanced technology to provide customers with planar stripe
and DMOS technology. This technology is specialized in allowing a
minimum on-state resistance and superior switching performance. It
also can withstand high energy pulse in the avalanche and
commutation mode.
The UTC 1N40A is universally applied in electronic lamp ballast
based on half bridge topology and high efficient switched mode
power supply.
FEATURES
* High switching speed
* RDS(ON) < 6.8Ω @ VGS = 10V, ID = 0.5A
* 100% avalanche tested
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
-
1N40AG-AA3-R
SOT-223
G
D
S
Tape Reel
1N40AL-TM3-T
1N40AG-TM3-T
TO-251
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source
1N40AG-TA3-R
(1)Packing Type
(2)Package Type
(3)Green Package
(1) T: Tubel, R: Tape Reel
(2) AA3: SOT-223, TM3: TO-251
(3) L: Lead Free, G: Halogen Free and Lead Free


Similar Part No. - 1N40A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N40 UTC-1N40 Datasheet
173Kb / 4P
   1 Amps, 400 Volts N-CHANNEL POWER MOSFET
1N40 UTC-1N40 Datasheet
173Kb / 4P
   1A, 400V N-CHANNEL POWER MOSFET
logo
Tiger Electronic Co.,Lt...
1N40 TGS-1N40 Datasheet
643Kb / 2P
   High surge current capability
logo
Microsemi Corporation
1N4000 MICROSEMI-1N4000 Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
1N4000A MICROSEMI-1N4000A Datasheet
103Kb / 2P
   Silicon 10 WATT Zener Diodes
More results

Similar Description - 1N40A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFF230 SEME-LAB-IRFF230 Datasheet
42Kb / 2P
   N-CHANNEL ENHANCEMENT
logo
Unisonic Technologies
2N70K-MT UTC-2N70K-MT Datasheet
351Kb / 7P
   N-CHANNEL ENHANCEMENT
UT6898 UTC-UT6898_15 Datasheet
214Kb / 5P
   N-CHANNEL ENHANCEMENT
logo
Transys Electronics
2N7000 TRSYS-2N7000 Datasheet
288Kb / 3P
   N-CHANNEL-ENHANCEMENT
logo
Calogic, LLC
3N170 CALOGIC-3N170_15 Datasheet
35Kb / 2P
   N-Channel Enhancement
logo
Unisonic Technologies
1N60-KW UTC-1N60-KW Datasheet
267Kb / 7P
   N-CHANNEL ENHANCEMENT
logo
List of Unclassifed Man...
FTP14N50C ETC1-FTP14N50C Datasheet
54Kb / 6P
   N-Channel Enhancement
logo
Transys Electronics
2N7002LT1 TRSYS-2N7002LT1 Datasheet
343Kb / 4P
   N-CHANNEL ENHANCEMENT
logo
Yea Shin Technology Co....
2N7002E YEASHIN-2N7002E Datasheet
999Kb / 4P
   N-CHANNEL ENHANCEMENT
logo
New Jersey Semi-Conduct...
2N4351 NJSEMI-2N4351 Datasheet
142Kb / 1P
   N-CHANNEL ENHANCEMENT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com