Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGB81T Datasheet(PDF) 2 Page - Micro Electronics

Part # MGB81T
Description  2.37mm x 4.9mm ROUND RECTANGULAR BAR LED LAMP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MGB81T Datasheet(HTML) 2 Page - Micro Electronics

  MGB81T Datasheet HTML 1Page - Micro Electronics MGB81T Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - MGB81T

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MGB81TA MICRO-ELECTRONICS-MGB81TA Datasheet
50Kb / 1P
   GREEN LED LAMPS
More results

Similar Description - MGB81T

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MGB81C MICRO-ELECTRONICS-MGB81C Datasheet
39Kb / 1P
   ROUND RECTANGULAR BAR LED LAMP
logo
Marktech Corporate
MT430-Y-A MARKTECH-MT430-Y-A Datasheet
135Kb / 6P
   4.9mm ROUND LED LAMP
MT430-G-A MARKTECH-MT430-G-A Datasheet
135Kb / 6P
   4.9mm ROUND LED LAMP
logo
Micro Electronics
MGB79TA MICRO-ELECTRONICS-MGB79TA Datasheet
211Kb / 2P
   1.9mm x 3.97mm RECTANGULAR BAR LED LAMP
MSB75D MICRO-ELECTRONICS-MSB75D Datasheet
38Kb / 1P
   1.9mm x 3.1mm RECTANGULAR BAR LED LAMP
MSB79TA MICRO-ELECTRONICS-MSB79TA Datasheet
212Kb / 2P
   1.9mm x 3.97mm RECTANGULAR BAR LED LAMP
MSB74D MICRO-ELECTRONICS-MSB74D Datasheet
39Kb / 1P
   1.2mm x 3.4mm RECTANGULAR BAR LED LAMP
MSB75DA-1 MICRO-ELECTRONICS-MSB75DA-1 Datasheet
60Kb / 1P
   1.9mm x 3.1mm RECTANGULAR BAR LED LAMP
MSB79TA-5 MICRO-ELECTRONICS-MSB79TA-5 Datasheet
38Kb / 1P
   1.9mm x 3.97mm RECTANGULAR BAR LED LAMP
MOB79TA MICRO-ELECTRONICS-MOB79TA Datasheet
205Kb / 2P
   1.9mm x 3.97mm RECTANGULAR BAR LED LAMP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com