Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5575-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5575-Q1
Description  LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5575-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  LM5575-Q1_15 Datasheet HTML 1Page - Texas Instruments LM5575-Q1_15 Datasheet HTML 2Page - Texas Instruments LM5575-Q1_15 Datasheet HTML 3Page - Texas Instruments LM5575-Q1_15 Datasheet HTML 4Page - Texas Instruments LM5575-Q1_15 Datasheet HTML 5Page - Texas Instruments LM5575-Q1_15 Datasheet HTML 6Page - Texas Instruments LM5575-Q1_15 Datasheet HTML 7Page - Texas Instruments LM5575-Q1_15 Datasheet HTML 8Page - Texas Instruments LM5575-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LM5575-Q1
SNOSB23C – OCTOBER 2008 – REVISED DECEMBER 2014
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
APPLICATION INFORMATION
NAME
NO.
SW
14
O
Switching node
The source terminal of the internal buck switch. The SW pin should be
connected to the external Schottky diode and to the buck inductor.
PRE
15
O
Pre-charge assist for the bootstrap
This open drain output can be connected to SW pin to aid charging the
capacitor
bootstrap capacitor during very light load conditions or in applications
where the output may be pre-charged before the LM5575-Q1 is
enabled. An internal pre-charge MOSFET is turned on for 250 ns each
cycle just prior to the on-time interval of the buck switch.
BST
16
I
Boost input for bootstrap capacitor
An external capacitor is required between the BST and the SW pins. A
0.022-µF ceramic capacitor is recommended. The capacitor is charged
from Vcc through an internal diode during the off-time of the buck
switch.
EP
NA
--
Exposed Pad
Exposed metal pad on the underside of the device. It is recommended
to connect this pad to the PWB ground plane, in order to aid in heat
dissipation.
7 Specifications
7.1 Absolute Maximum Ratings
See
(1) (2).
MIN
MAX
UNIT
VIN to GND
76
V
BST to GND
90
V
PRE to GND
76
V
SW to GND (Steady State)
−1.5
V
BST to VCC
76
V
SD, VCC to GND
14
V
BST to SW
14
V
OUT to GND
Limited to
Vin
SYNC, SS, FB, RAMP to GND
7
V
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Recommended Operating Conditions are
conditions under which operation of the device is intended to be functional. For ensured specifications and test conditions, see the
Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
−65
150
°C
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q100-002(1)
2000
V
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
6
75
V
Operation Junction Temperature
−40
150
°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Recommended Operating Conditions are
conditions under which operation of the device is intended to be functional. For ensured specifications and test conditions, see the
Electrical Characteristics.
4
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM5575-Q1


Similar Part No. - LM5575-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5575-Q1 TI1-LM5575-Q1_17 Datasheet
1Mb / 33P
[Old version datasheet]   Simple Switcher 75-V, 1.5-A Step-Down Switching Regulator
More results

Similar Description - LM5575-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5575-Q1 TI1-LM5575-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LM5575-Q1 Simple Switcher짰 75-V, 1.5-A Step-Down Switching Regulator
LM5576 TI1-LM5576 Datasheet
1Mb / 34P
[Old version datasheet]   LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM5576 TI-LM5576_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM5575 TI1-LM5575 Datasheet
995Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1_17 Datasheet
1Mb / 33P
[Old version datasheet]   Simple Switcher 75-V, 1.5-A Step-Down Switching Regulator
LM25575QMH TI1-LM25575QMH Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM5574MT TI-LM5574MT Datasheet
881Kb / 28P
[Old version datasheet]   LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM5574 TI-LM5574_15 Datasheet
915Kb / 29P
[Old version datasheet]   LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM25575 TI-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25576 TI-LM25576_15 Datasheet
980Kb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com