Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PE3CA1031 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part No. PE3CA1031
Description  75 Ohm N Male to 75 Ohm F Male Cable Using 75 Ohm Armored Test Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE3CA1031 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Pasternack’s PE3CA1031 general purpose 75 Ohm Flexible Armored Test Cable exhibits excellent insertion loss and return
loss values with operation up to 3 GHz. These test cables are suitable for engineering labs, production environments and
quality testing facilities. The PE3CA1031 test cable is a good choice for use with 75 Ohm S-parameter test systems and these
cables meet ANSI/SCTE 99 2009 pull force and ANSI/SCTE 98 2009 tightening torque standards.
Pasternack’s large portfolio of test and measurement components offers users a variety of options that are suitable for a broad
spectrum of RF applications and environments. You can rely on Pasternack to have all of the test and measurement products
you need in-stock and available to ship same-day.
Features
• DC-3GHz
• Low Insertion loss
• Excellent Return loss Greater than 28 dB
• ANSI/SCTE 99 2009 pull force
• Rugged Protective Outer Jacket
• Specially designed for Testing of 75 Ohm communi-
cation systems.
• Custom lengths available upon request.
Applications
• Test & measurement
• Lab Equipment Accessories
• General Purpose Test and
Evaluation
• Engineering Prototype Evaluation
Configuration
Connector 1
N Male
Connector 2
F Male
Cable Type
Flexible Cable
Electrical Specifications
Frequency Range
DC to 3 GHz
Impedance
75 Ohms
Max VSWR
1.16:1
Dielectric Withstanding Voltage (AC)
700 Vrms
Performance by Frequency
Frequency 1
Frequency
1000 MHz
VSWR
1.04:1
Return Loss
35 dB
Insertion Loss
0.11 dB/ft [0.36 dB/m]
Frequency 2
Frequency
2 GHz
VSWR
1.07:1
Return Loss
30 dB
Insertion Loss
0.164 dB/ft [0.54 dB/m]
Frequency 3
Frequency
3 GHz
VSWR
1.08:1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 75 Ohm N Male to 75 Ohm F Male Cable Using 75 Ohm Armored Test Coax, RoHS
PE3CA1031
PE3CA1031 REV 1.1
PE3CA1031
75 Ohm N Male to 75 Ohm F Male Cable Using
75 Ohm Armored Test Coax, RoHS


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn