Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PE3CA1031 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part No. PE3CA1031
Description  75 Ohm N Male to 75 Ohm F Male Cable Using 75 Ohm Armored Test Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE3CA1031 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Return Loss
28 dB
Insertion Loss
0.193 dB/ft [0.63 dB/m]
Mechanical Specifications
Size
Diameter
0.35 in [8.89 mm]
.
Weight
0.319 lbs [144.7 g]
Cable Color
Black
Cable
Cable Type
Flexible Cable
Inner Conductor Type
Bare Copper
Cable Inner Conductor
Copper
Dielectric Type
Polyethylene
Jacket Material
PVC
Jacket Diameter
0.3 in [7.62 mm]
Connector 1
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Copper, Gold
Dielectric Type
PE
Connector 2
Type
F Male
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper
Dielectric Type
PE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/16/2014
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
PE3CA1031 REV 1.1
PE3CA1031
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 75 Ohm N Male to 75 Ohm F Male Cable Using 75 Ohm Armored Test Coax, RoHS
PE3CA1031
75 Ohm N Male to 75 Ohm F Male Cable Using
75 Ohm Armored Test Coax, RoHS


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn