Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5017 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5017
Description  100-V, 600-mA Constant On-Time Synchronous Buck Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5017 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5017 Datasheet HTML 6Page - Texas Instruments LM5017 Datasheet HTML 7Page - Texas Instruments LM5017 Datasheet HTML 8Page - Texas Instruments LM5017 Datasheet HTML 9Page - Texas Instruments LM5017 Datasheet HTML 10Page - Texas Instruments LM5017 Datasheet HTML 11Page - Texas Instruments LM5017 Datasheet HTML 12Page - Texas Instruments LM5017 Datasheet HTML 13Page - Texas Instruments LM5017 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
0.07 x VIN
TOFF(ILIM) =
VFB + 0.2 V
2s
10
-10 x R
ON
TON =
VIN
LM5017
SNVS783I – JANUARY 2012 – REVISED OCTOBER 2015
www.ti.com
Feature Description (continued)
At high input voltages, the power dissipated in the high voltage regulator is significant and can limit the overall
achievable output power. As an example, with the input at 48 V and switching at high frequency, the VCC
regulator may supply up to 7 mA of current resulting in 48 V × 7 mA = 336 mW of power dissipation. If the VCC
voltage is driven externally by an alternate voltage source between 8.55 V and 13 V, the internal regulator is
disabled. This reduces the power dissipation in the IC.
7.3.3 Regulation Comparator
The feedback voltage at FB is compared to an internal 1.225 V reference. In normal operation, when the output
voltage is in regulation, an on-time period is initiated when the voltage at FB falls below 1.225 V. The high side
switch will stay on for the on-time, causing the FB voltage to rise above 1.225 V. After the on-time period, the
high side switch will stay off until the FB voltage again falls below 1.225 V. During start-up, the FB voltage will be
below 1.225 V at the end of each on-time, causing the high side switch to turn on immediately after the minimum
forced off-time of 144 ns. The high side switch can be turned off before the on-time is over if the peak current in
the inductor reaches the current limit threshold.
7.3.4 Overvoltage Comparator
The feedback voltage at FB is compared to an internal 1.62 V reference. If the voltage at FB rises above 1.62 V
the on-time pulse is immediately terminated. This condition can occur if the input voltage and/or the output load
changes suddenly. The high side switch will not turn on again until the voltage at FB falls below 1.225 V.
7.3.5 On-Time Generator
The on-time for the LM5017 device is determined by the RON resistor and is inversely proportional to the input
voltage (VIN), resulting in a nearly constant frequency as VIN is varied over the operating range. The on-time for
the LM5017 can be calculated using Equation 3.
(3)
See Figure 5. RON should be selected for a minimum on-time (at maximum VIN) greater than 100 ns for proper
operation. This requirement limits the maximum switching frequency for high VIN.
7.3.6 Current Limit
The LM5017 device contains an intelligent current limit off-timer. If the current in the buck switch exceeds 1.02 A,
the present cycle is immediately terminated, and a non-resetable off-timer is initiated. The length of the off-time is
controlled by the FB voltage and the input voltage VIN. As an example, when FB = 0 V and VIN = 48 V, the off-
time is set to 16
μs. This condition occurs when the output is shorted and during the initial part of start-up. This
VIN dependent off-time ensures safe short circuit operation up to the maximum input voltage of 100 V.
In cases of overload where the FB voltage is above zero volts (not a short circuit) the current limit off-time is
reduced. Reducing the off-time during less severe overloads reduces the amount of foldback, recovery time, and
start-up time. The off-time is calculated from Equation 4.
(4)
The current limit protection feature is peak limited. The maximum average output current will be less than the
peak.
7.3.7 N-Channel Buck Switch and Driver
The LM5017 device integrates an N-Channel Buck switch and associated floating high voltage gate driver. The
gate driver circuit works in conjunction with an external bootstrap capacitor and an internal high voltage diode. A
0.01 uF ceramic capacitor connected between the BST pin and the SW pin provides the voltage to the driver
during the on-time. During each off-time, the SW pin is at approximately 0 V, and the bootstrap capacitor charges
from VCC through the internal diode. The minimum off-timer, set to 144 ns, ensures a minimum time each cycle to
recharge the bootstrap capacitor.
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM5017


Similar Part No. - LM5017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5017 TI1-LM5017 Datasheet
431Kb / 19P
[Old version datasheet]   100V, 600mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017 Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017 Datasheet
1Mb / 33P
[Old version datasheet]   LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5017MR TI1-LM5017MR Datasheet
431Kb / 19P
[Old version datasheet]   100V, 600mA Constant On-Time Synchronous Buck Regulator
LM5017MR/NOPB TI1-LM5017MR/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
More results

Similar Description - LM5017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5017 TI1-LM5017_17 Datasheet
1Mb / 33P
[Old version datasheet]   LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI1-LM5019_14 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 100 mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM5018 TI1-LM5018_13 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 300 mA Constant On-Time Synchronous Buck Regulator
LM5018 TI-LM5018_15 Datasheet
1Mb / 32P
[Old version datasheet]   100-V, 300-mA Constant On-Time Synchronous Buck Regulator
LM25019 TI-LM25019_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com