Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5010A-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5010A-Q1
Description  High-Voltage 1-A Step-Down Switching Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5010A-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5010A-Q1 Datasheet HTML 5Page - Texas Instruments LM5010A-Q1 Datasheet HTML 6Page - Texas Instruments LM5010A-Q1 Datasheet HTML 7Page - Texas Instruments LM5010A-Q1 Datasheet HTML 8Page - Texas Instruments LM5010A-Q1 Datasheet HTML 9Page - Texas Instruments LM5010A-Q1 Datasheet HTML 10Page - Texas Instruments LM5010A-Q1 Datasheet HTML 11Page - Texas Instruments LM5010A-Q1 Datasheet HTML 12Page - Texas Instruments LM5010A-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
RON =
VOUT x (VIN - 1.4V)
VIN x FS x 1.18 x 10
-10 - 1.4 k:
RON =
(tON - 67 ns) x (VIN - 1.4V)
1.18 x 10
-10
- 1.4 k:
tON =
1.18 x 10
-10
x (RON + 1.4k)
(VIN - 1.4V)
+ 67 ns
FB
SW
L1
C2
R1
R2
R3
BST
VCC
D2
C3
C4
D1
LM5010A
VOUT
SGND
ISEN
LM5010A
LM5010A-Q1
www.ti.com
SNVS376E – OCTOBER 2005 – REVISED FEBRUARY 2013
The turn-on sequence is shown in Figure 7. When VCC exceeds the under-voltage lock-out threshold (UVLO) of
5.25V (t1 in Figure 7), the buck switch is enabled, and the SS pin is released to allow the soft-start capacitor (C6)
to charge up. The output voltage VOUT is regulated at a reduced level which increases to the desired value as the
soft-start voltage increases (t2 in Figure 7).
Figure 8. Self Biased Configuration
Regulation Comparator
The feedback voltage at the FB pin is compared to the voltage at the SS pin (2.5V, ±2%). In normal operation an
on-time period is initiated when the voltage at FB falls below 2.5V. The buck switch conducts for the on-time
programmed by RON, causing the FB voltage to rise above 2.5V. After the on-time period the buck switch
remains off until the FB voltage falls below 2.5V. Input bias current at the FB pin is less than 5 nA over
temperature.
Over-Voltage Comparator
The feedback voltage at FB is compared to an internal 2.9V reference. If the voltage at FB rises above 2.9V the
on-time is immediately terminated. This condition can occur if the input voltage, or the output load, changes
suddenly. The buck switch remains off until the voltage at FB falls below 2.5V.
ON-Time Control
The on-time of the internal buck switch is determined by the RON resistor and the input voltage (VIN), and is
calculated as follows:
(5)
The RON resistor can be determined from the desired on-time by re-arranging Equation 5 to the following:
(6)
To set a specific continuous conduction mode switching frequency (fS), the RON resistor is determined from the
following:
(7)
In high frequency applications the minimum value for tON is limited by the maximum duty cycle required for
regulation and the minimum off-time of the LM5010A (260 ns, ±15%). The fixed off-time limits the maximum duty
cycle achievable with a low voltage at VIN. The minimum allowed on-time to regulate the desired VOUT at the
minimum VIN is determined from the following:
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5010A LM5010A-Q1


Similar Part No. - LM5010A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5010A-Q1 TI1-LM5010A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
More results

Similar Description - LM5010A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010MH TI1-LM5010MH Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com