Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5008A Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5008A
Description  100-V 350-mA Constant On-Time Buck Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5008A Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5008A_15 Datasheet HTML 6Page - Texas Instruments LM5008A_15 Datasheet HTML 7Page - Texas Instruments LM5008A_15 Datasheet HTML 8Page - Texas Instruments LM5008A_15 Datasheet HTML 9Page - Texas Instruments LM5008A_15 Datasheet HTML 10Page - Texas Instruments LM5008A_15 Datasheet HTML 11Page - Texas Instruments LM5008A_15 Datasheet HTML 12Page - Texas Instruments LM5008A_15 Datasheet HTML 13Page - Texas Instruments LM5008A_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LM5008A
SNVS583F – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Thermal Protection
The LM5008A should be operated so the junction temperature does not exceed 125°C during normal operation.
An internal Thermal Shutdown circuit is provided to shutdown the LM5008A in the event of a higher than normal
junction temperature. When activated, typically at 165°C, the controller is forced into a low power reset state by
disabling the buck switch. This feature prevents catastrophic failures from accidental device overheating. When
the junction temperature reduces below 140°C (typical hysteresis = 25°C) normal operation is resumed.
10
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM5008A


Similar Part No. - LM5008A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results

Similar Description - LM5008A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM5008A NSC-LM5008A Datasheet
402Kb / 16P
   100V, 350 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
SM74301 TI1-SM74301 Datasheet
329Kb / 16P
[Old version datasheet]   SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
LM5009A TI-LM5009A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 150-mA Constant On-Time Buck Switching Regulator
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI1-LM5019_14 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 100 mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5018 TI1-LM5018_13 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 300 mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com