Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3686 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3686
Description  Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3686 Datasheet(HTML) 3 Page - Texas Instruments

  LM3686_15 Datasheet HTML 1Page - Texas Instruments LM3686_15 Datasheet HTML 2Page - Texas Instruments LM3686_15 Datasheet HTML 3Page - Texas Instruments LM3686_15 Datasheet HTML 4Page - Texas Instruments LM3686_15 Datasheet HTML 5Page - Texas Instruments LM3686_15 Datasheet HTML 6Page - Texas Instruments LM3686_15 Datasheet HTML 7Page - Texas Instruments LM3686_15 Datasheet HTML 8Page - Texas Instruments LM3686_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
D3
D2
A3
A2
D1
C1
A1
B1
C2
B2
C3
B3
A3
A2
D3
D2
A1
B1
C1
D1
C2
B2
C3
B3
LM3686
www.ti.com
SNVS520E – AUGUST 2008 – REVISED MAY 2013
Connection Diagram
Figure 3. 12-pin DSBGA Package
See Package Number YZR0012
ORDERING INFORMATION
PART NUMBER
VOLTAGE OPTIONS
1.8V_Bk
LM3686TL/TLX-AADW
1.2V_LILO
2.8V_LDO
1.2V_Bk
LM3686TLE/TLX-AAED
1.8V_LILO
2.8V_LDO
1.8V_Bk
LM3686TLE/TLXX-AAEF
1.2V_LILO
3.0V_LDO
PIN DESCRIPTIONS
Pin Number
Symbol
Name and Function
A1
PGND
Power Ground pin
A2
SW
Switching node connection to the internal PFET switch and NFET synchronous rectifier.
A3
FB_DCDC
Feedback analog input for the DC-DC converter. Connect to the output filter capacitor.
B1
VBATT
Power supply input for switcher. Connect to the input filter capacitor.
B2
EN_LILO
Enable input for the linear regulator. The linear regulator is in shutdown mode if voltage at this pin is
< 0.4V and enabled if > 1.1V. Do not leave this pin floating.
B3
EN_DCDC
Enable input for the DC-DC converter. The DC-DC converter is in shutdown mode if voltage at this pin is <
0.4V and enabled if > 1.1V. Do not leave this pin floating.
C1
VIN_LDO
Input power to LDO. ( Must tie to VBATT at all times )
C2
EN_LDO
Enable input for the linear regulator. The linear regulator is in shutdown mode if voltage at this pin is
< 0.4V and enabled if > 1.1V. Do not leave this pin floating.
C3
QGND
Quiet GND pin for LDO and reference circuit.
D1
VOUT_LDO
Voltage output of the linear regulator.
D2
VOUT_LILO
Voltage output of the low input linear regulator
D3
VIN_LILO
Input power to LILO (VIN_LILO connects to output of DCDC or standalone).
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3686


Similar Part No. - LM3686_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3686 TI1-LM3686_14 Datasheet
2Mb / 28P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
More results

Similar Description - LM3686_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Texas Instruments
LM3686 TI1-LM3686_14 Datasheet
2Mb / 28P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Maxim Integrated Produc...
MAX1765 MAXIM-MAX1765_11 Datasheet
873Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
MAX1765 MAXIM-MAX1765 Datasheet
559Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
19-1805; Rev 0; 12/00
logo
Richtek Technology Corp...
RT8036 RICHTEK-RT8036 Datasheet
333Kb / 17P
   One Step Down DC/DC Converter and Four Linear Regulators with Individual On/Off Control
logo
National Semiconductor ...
LP8720 NSC-LP8720 Datasheet
1Mb / 24P
   One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
LM3687 NSC-LM3687 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Texas Instruments
LM3687 TI1-LM3687 Datasheet
1Mb / 35P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Maxim Integrated Produc...
MAX17670 MAXIM-MAX17670 Datasheet
1Mb / 25P
   Integrated 4V-60V, 150mA, High-Efficiency Synchronous Step-Down DC-DC Converter with 50mA Linear Regulator
Rev 2; 4/20
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com