Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3686 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM3686
Description  Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3686 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3686_15 Datasheet HTML 13Page - Texas Instruments LM3686_15 Datasheet HTML 14Page - Texas Instruments LM3686_15 Datasheet HTML 15Page - Texas Instruments LM3686_15 Datasheet HTML 16Page - Texas Instruments LM3686_15 Datasheet HTML 17Page - Texas Instruments LM3686_15 Datasheet HTML 18Page - Texas Instruments LM3686_15 Datasheet HTML 19Page - Texas Instruments LM3686_15 Datasheet HTML 20Page - Texas Instruments LM3686_15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
¸
¹
·
¨
©
§
x
x
x
f
1
L
2
!
ISAT
IOUTMAX + IRIPPLE
where IRIPPLE =
VOUT
VBATT
¸
¹
·
¨
©
§
¸
¹
·
¨
©
§V
BATT - V
OUT
LM3686
www.ti.com
SNVS520E – AUGUST 2008 – REVISED MAY 2013
APPLICATION INFORMATION
Application Selection
It is strongly recommended to select the required components of LM3686 as described within the datasheet. If
other components are selected, the device will not perform up to standard and electrical characteristics cannot
be ensured.
Inductor Selection
There are two main considerations when choosing an inductor; the inductor should not saturate, and the inductor
current ripple should be small enough to achieve the desired output voltage ripple. Different saturation current
rating specifications are followed by different manufacturers so attention must be given to details. Saturation
current ratings are typically specified at 25°C. However, ratings at the maximum ambient temperature of
application should be requested from the manufacturer. The minimum value of inductance to ensure good
performance is 0.7 µH at ILIM (typ) dc current over the ambient temperature range. Shielded inductors
radiate less noise and should be preferred. There are two methods to choose the inductor saturation current
rating.
METHOD 1
The saturation current should be greater than the sum of the maximum load current and the worst case average
to peak inductor current. This can be written as:
ISAT > IOUT_DCDC_MAX + IRIPPLE
(1)
where
IRIPPLE: average to peak inductor current
IOUT_DCDCMAX: maximum load current (600 mA)
VBATT: maximum input voltage in application
L: minimum inductor value including worst case tolerances (30% drop can be considered for method 1)
f: minimum switching frequency (2.55 MHz)
(2)
METHOD 2
A more conservative and recommended approach is to choose an inductor that has a saturation current rating
greater than the maximum current limit of 1375 mA.
A 1.0 µH inductor with a saturation current rating of at least 1375 mA is recommended for most applications. The
inductor’s resistance should be less than 0.3
Ω for good efficiency. Table 1 lists suggested inductors and
suppliers. For low-cost applications, an unshielded bobbin inductor could be considered. For noise critical
applications, a toroidal or shielded- bobbin inductor should be used. A good practice is to lay out the board with
overlapping footprints of both types for design flexibility. This allows substitution of a low-noise shielded inductor,
in the event that noise from low-cost bobbin models is unacceptable.
Table 1. Suggested Inductors and their Suppliers
Model
Vendor
Dimensions LxWxH (mm)
DCR (max)
BRL2518T1R0M
TAIYO YUDEN
2.5 X 1.8 X 1.2
80
MDT2520CR1R0M
TOKO
2.5 X 2.0 X 1.0
80
KSLI252010AG1R0
HITACHI METALS
2.5 X 2.0 X 1.0
75
External Capacitors
As common with most regulators, the LM3686 requires external capacitors to ensure stable operation. The
LM3686 is specifically designed for portable applications requiring minimum board space and the smallest size
components. These capacitors must be correctly selected for good performance.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3686


Similar Part No. - LM3686_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3686 TI1-LM3686_14 Datasheet
2Mb / 28P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
More results

Similar Description - LM3686_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Texas Instruments
LM3686 TI1-LM3686_14 Datasheet
2Mb / 28P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Maxim Integrated Produc...
MAX1765 MAXIM-MAX1765_11 Datasheet
873Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
MAX1765 MAXIM-MAX1765 Datasheet
559Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
19-1805; Rev 0; 12/00
logo
Richtek Technology Corp...
RT8036 RICHTEK-RT8036 Datasheet
333Kb / 17P
   One Step Down DC/DC Converter and Four Linear Regulators with Individual On/Off Control
logo
National Semiconductor ...
LP8720 NSC-LP8720 Datasheet
1Mb / 24P
   One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
LM3687 NSC-LM3687 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Texas Instruments
LM3687 TI1-LM3687 Datasheet
1Mb / 35P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Maxim Integrated Produc...
MAX17670 MAXIM-MAX17670 Datasheet
1Mb / 25P
   Integrated 4V-60V, 150mA, High-Efficiency Synchronous Step-Down DC-DC Converter with 50mA Linear Regulator
Rev 2; 4/20
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com