Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3677 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3677
Description  3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3677 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3677_15 Datasheet HTML 3Page - Texas Instruments LM3677_15 Datasheet HTML 4Page - Texas Instruments LM3677_15 Datasheet HTML 5Page - Texas Instruments LM3677_15 Datasheet HTML 6Page - Texas Instruments LM3677_15 Datasheet HTML 7Page - Texas Instruments LM3677_15 Datasheet HTML 8Page - Texas Instruments LM3677_15 Datasheet HTML 9Page - Texas Instruments LM3677_15 Datasheet HTML 10Page - Texas Instruments LM3677_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LM3677
www.ti.com
SNVS502F – MARCH 2007 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
LM3677, Circuit of Figure 1, VIN = 3.6V, VOUT = 1.8V, TA = 25°C, unless otherwise noted.
Output Voltage vs. Supply Voltage
Output Voltage vs. Temperature
(VOUT = 2.5V)
(VOUT = 1.3V)
Figure 11.
Figure 12.
Output Voltage vs. Temperature
Output Voltage vs. Temperature
(VOUT = 1.8V)
(VOUT = 2.5V)
Figure 13.
Figure 14.
Output Voltage vs. Output Current
Output Voltage vs. Output Current
(VOUT = 1.8V)
(VOUT = 2.5V)
Figure 15.
Figure 16.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3677


Similar Part No. - LM3677_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3677LE-1.2 NSC-LM3677LE-1.2 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677LE-1.2 NSC-LM3677LE-1.2 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677LE-1.5 NSC-LM3677LE-1.5 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677LE-1.5 NSC-LM3677LE-1.5 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677LE-1.8 NSC-LM3677LE-1.8 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results

Similar Description - LM3677_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
   600mA 3MHz Synchronous Step-Down DC-DC Converter
Rev. PrA
logo
National Semiconductor ...
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI1-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com