Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3674 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3674
Description  LM3674 2-MHz, 600-mA Step-Down DC-DC Converter in SOT-23
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3674 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3674_15 Datasheet HTML 5Page - Texas Instruments LM3674_15 Datasheet HTML 6Page - Texas Instruments LM3674_15 Datasheet HTML 7Page - Texas Instruments LM3674_15 Datasheet HTML 8Page - Texas Instruments LM3674_15 Datasheet HTML 9Page - Texas Instruments LM3674_15 Datasheet HTML 10Page - Texas Instruments LM3674_15 Datasheet HTML 11Page - Texas Instruments LM3674_15 Datasheet HTML 12Page - Texas Instruments LM3674_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
2 MHz
Oscillator
Soft
Start
Ramp
Generator
+
-
Thermal
Shutdown
Undervoltage
Lockout
VREF
+
-
0.5V
Error
Amp
Control Logic
Driver
Current Limit
Comparator
Ref1
SW
FB
EN
VIN
PWM Comparator
GND
Bandgap
+
-
Vcomp
1.0V
Frequency
Compensation
Adjustable Version
Fixed Version
LM3674
www.ti.com
SNVS405G – DECEMBER 2005 – REVISED APRIL 2015
7 Detailed Description
7.1 Overview
The LM3674, a high-efficiency, step-down, DC-DC switching buck converter, delivers a constant voltage from a
single Li-Ion battery and input voltage rails from 2.7 V to 5.5 V to portable devices such as cell phones and
PDAs. Using a voltage mode architecture with synchronous rectification, the LM3674 has the ability to deliver up
to 600 mA depending on the input voltage, output voltage, ambient temperature, and the inductor chosen.
Additional features include soft-start, undervoltage protection, current overload protection, and thermal overload
protection. As shown in Typical Application Circuit, only three external power components, CIN, COUT, and L1, are
required for implementation.
The part uses an internal reference voltage of 0.5 V. It is recommended to keep the part in shutdown mode until
the input voltage is 2.7 V or higher.
7.2 Functional Block Diagram
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3674


Similar Part No. - LM3674_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
More results

Similar Description - LM3674_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
logo
Linear Technology
LTC1701 LINER-LTC1701 Datasheet
138Kb / 12P
   1MHz Step-Down DC/DC Converter in SOT-23
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
   1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
Texas Instruments
LM3676 TI-LM3676_15 Datasheet
3Mb / 25P
[Old version datasheet]   2-MHz 600-mA Step-Down DC-DC Converter With Mode Control
LM3673 TI-LM3673_15 Datasheet
4Mb / 28P
[Old version datasheet]   2-MHz, 350-mA Step-Down DC-DC Converter
LM2840 TI1-LM2840 Datasheet
271Kb / 15P
[Old version datasheet]   100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2841 NSC-LM2841 Datasheet
324Kb / 14P
   300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com