Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3668 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3668
Description  1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3668 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3668_15 Datasheet HTML 5Page - Texas Instruments LM3668_15 Datasheet HTML 6Page - Texas Instruments LM3668_15 Datasheet HTML 7Page - Texas Instruments LM3668_15 Datasheet HTML 8Page - Texas Instruments LM3668_15 Datasheet HTML 9Page - Texas Instruments LM3668_15 Datasheet HTML 10Page - Texas Instruments LM3668_15 Datasheet HTML 11Page - Texas Instruments LM3668_15 Datasheet HTML 12Page - Texas Instruments LM3668_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
100 2s/DIV
5V/DIV
5V/DIV
500
mA/DIV
SW2
SW1
VOUT_AC
LOAD
200
mv/DIV
100 2s/DIV
5V/DIV
5V/DIV
200 mV/DIV
500 mA/DIV
SW2
SW1
VOUT_AC
LOAD
4.0V
3.4V
VIN
VOUT_AC
SW2
SW1
100 mV/DIV
5V/DIV
5V/DIV
100 2s/DIV
3.4V
2.8V
100 mV/DIV
5V/DIV
5V/DIV
100 2s/DIV
VIN
VOUT_AC
SW2
SW1
LM3668
www.ti.com
SNVS449O – JUNE 2007 – REVISED APRIL 2015
Typical Characteristics (continued)
Typical Application Circuit (see Figure 46): VIN = 3.6 V, L = 2.2 µH, CIN = 10 µF, COUT = 22 µF
(4), T
A = 25°C , unless otherwise
stated.
Figure 19. Line Transient in Boost Mode (VOUT = 3.4 V, Load
Figure 20. Line Transient in Buck-Boost Mode (VOUT = 3.4 V,
= 500 mA)
Load = 500 mA)
Figure 22. Load Transient in Boost Operation (Forced PWM
Figure 21. Load Transient in Buck Mode (Forced PWM
Mode) VIN = 2.7 V, VOUT = 3.4 V, Load = 0 to 500 mA
Mode) VIN = 4.2 V, VOUT = 3.4 V, Load = 0 to 500 mA
Figure 23. Load Transient in Buck-Boost Operation (Forced
Figure 24. Load Transient in Buck Mode (Forced PWM
PWM Mode) VIN = 3.44 V, VOUT = 3.4 V, Load = 0 to 500 mA
Mode) VIN = 4.2 V, VOUT = 3 V, Load = 0 to 500 mA
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3668


Similar Part No. - LM3668_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
[Old version datasheet]   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
More results

Similar Description - LM3668_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
   1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
logo
National Semiconductor ...
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
[Old version datasheet]   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668-Q1 TI-LM3668-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
STMicroelectronics
STBB3J STMICROELECTRONICS-STBB3J Datasheet
1Mb / 25P
   2 A, high efficiency single inductor buck-boost DC-DC converter
logo
Monolithic Power System...
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com