Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3279 Datasheet(PDF) 29 Page - Texas Instruments

Part # LM3279
Description  LM3279 Buck-Boost Converter With MIPI짰 RFFE Interface for 3G And 4G RF Power Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3279 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM3279_15 Datasheet HTML 25Page - Texas Instruments LM3279_15 Datasheet HTML 26Page - Texas Instruments LM3279_15 Datasheet HTML 27Page - Texas Instruments LM3279_15 Datasheet HTML 28Page - Texas Instruments LM3279_15 Datasheet HTML 29Page - Texas Instruments LM3279_15 Datasheet HTML 30Page - Texas Instruments LM3279_15 Datasheet HTML 31Page - Texas Instruments LM3279_15 Datasheet HTML 32Page - Texas Instruments LM3279_15 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
L
GPO 1
FB
VIO
EN
SCLK
GPO0
SVIN
PVIN
VCON
SDATA
PGND
VOUT
C1
C3
C4
FB
C2
SW2
SW1
SGND
GND
1.5 ÛH
PVIN
SVIN
EN
SGND
PGND
SW1
SW2
LM3279
VOUT
FB
VCON
VOUT: 0.4V to 4.2V
10 ÛF
10 ÛF
VBATT: 2.7V to 5.5V
GPO0
GPO1
BB or
RFIC
VIO
SDATA
SCLK
DGND
RF Control
Bits
RF PA(s)
2 x 0.47 ÛF
(PA decoupling caps)
LM3279
www.ti.com
SNVS970C – MARCH 2013 – REVISED OCTOBER 2014
Layout Examples (continued)
10.2.1 LM3279 RF Evaluation Board
Figure 32. Simplified LM3279 RF Evaluation Board Schematic
1. Input Capacitor C2 should be placed closer to LM3279 than C1.
2. Optional to add a 100 nF (C1) on input of LM3279 for high frequency filtering.
3. Bulk Output Capacitor C3 should be placed closer to LM3279 than C4.
4. Optional to add a 100 nF (C4) on output of LM3279 for high frequency filtering.
5. Connect both GND terminals of C1 and C4 directly to System RF GND layer of phone board.
6. Connect bumps SGND (C3) and GND (D1) directly to System GND.
7. TI has seen improvement in high frequency filtering for small bypass caps (C1 and C4) when they are
connected to System GND instead of same ground as PGND. These capacitors should be 0201 (0603
metric) case size for minimum footprint and best high frequency characteristics.
10.2.2 Component Placement
Figure 33. LM3279 Recommended Parts Placement (Top View)
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM3279


Similar Part No. - LM3279_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
More results

Similar Description - LM3279_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3279 TI-LM3279 Datasheet
1Mb / 31P
[Old version datasheet]   LM3279 Buck-Boost Converter with MIPI RFFE Interfacefor 3G and 4G RF Power Amplifiers
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
[Old version datasheet]   LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
LM3209-G3 TI-LM3209-G3_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM3209-G3 Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
LM3209-G3 TI1-LM3209-G3 Datasheet
186Kb / 6P
[Old version datasheet]   LM3209-G3 PRODUCT BRIEF Seamless-Transition Buck-Boost Converter for Battery- Powered 3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com