Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3204 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3204
Description  LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3204 Datasheet(HTML) 5 Page - Texas Instruments

  LM3204_15 Datasheet HTML 1Page - Texas Instruments LM3204_15 Datasheet HTML 2Page - Texas Instruments LM3204_15 Datasheet HTML 3Page - Texas Instruments LM3204_15 Datasheet HTML 4Page - Texas Instruments LM3204_15 Datasheet HTML 5Page - Texas Instruments LM3204_15 Datasheet HTML 6Page - Texas Instruments LM3204_15 Datasheet HTML 7Page - Texas Instruments LM3204_15 Datasheet HTML 8Page - Texas Instruments LM3204_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LM3204
www.ti.com
SNVS351C – JUNE 2005 – REVISED APRIL 2013
SYSTEM CHARACTERISTICS
The following spec table entries are specified by design if the component values in the typical application circuit are used.
These parameters are not specified by production testing.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TRESPONSE
Time for VOUT to Rise from
VIN = 4.2V, COUT = 4.7µF,
0.8V to 3.4V in PWM Mode
RLOAD = 15Ω
25
µs
L = 2.2 µH (ISAT > 0.94A)
TSTARTUP
Time for VOUT to rise to 3.4V
VIN = 4.2V, COUT = 4.7µF,
in PWM Mode
RLOAD = 15Ω
50
µs
(1)
L = 2.2µH (ISAT = 0.94A)
EN = Low to High
CCON
VCON Input Capacitance
VCON = 1V,
15
pF
Test frequency = 100kHz
TON_BYP
Bypass FET Turn On Time In
VIN = 3.6V, VCON = 0.267V,
Bypass Mode
COUT = 4.7µF, RLOAD = 15Ω
30
µs
BYP = Low to High
TBYP
Auto Bypass Detect Delay
(2)
10
15
20
µs
Time
(1)
The startup time is the time to reach 90% of 3.4V nominal output voltage from the EN being low to high.
(2)
VIN is compared to the programmed output voltage (VOUT). When VIN–VOUT falls below VBYPASS− for longer than TBYP the Bypass FET
turns on and the switching FETs turn off. This is called the Bypass mode. The device comes out of Bypass mode when VIN–VOUT
exceeds VBYPASS
+ for longer than T
BYP, and PWM mode returns. The hysteresis for the bypass detection threshold VBYPASS
+
VBYPASS− will always be positive and will be approximately 200mV (typ.).
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3204


Similar Part No. - LM3204_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results

Similar Description - LM3204_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
[Old version datasheet]   LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
   Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
logo
Texas Instruments
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com