Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3200 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3200
Description  LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3200 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3200_15 Datasheet HTML 2Page - Texas Instruments LM3200_15 Datasheet HTML 3Page - Texas Instruments LM3200_15 Datasheet HTML 4Page - Texas Instruments LM3200_15 Datasheet HTML 5Page - Texas Instruments LM3200_15 Datasheet HTML 6Page - Texas Instruments LM3200_15 Datasheet HTML 7Page - Texas Instruments LM3200_15 Datasheet HTML 8Page - Texas Instruments LM3200_15 Datasheet HTML 9Page - Texas Instruments LM3200_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (
oC)
1.500
1.502
1.504
1.506
1.508
1.510
-40
IOUT = 50 mA
IOUT = 100 mA
IOUT = 300 mA
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (
oC)
3.254
3.256
3.258
3.260
3.262
3.264
-40
IOUT = 200 mA
IOUT = 100 mA
IOUT = 300 mA
VOUT = 3.25V
0
-40
40
80
AMBIENT TEMPERATURE (
oC)
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
20
-20
60
100
VIN = 4.2V
VCON = 0.5V
IOUT = 200 mA
VIN = 2.7V
VIN = 3.6V
2.0
2.5 3.0
3.5
4.0 4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
1.500
1.502
1.504
1.506
1.508
1.510
IOUT = 50 mA
IOUT = 300 mA
IOUT = 150 mA
0.0
0.2
0.4
0.6
0.8
1.0
JUNCTION TEMPERATURE (
oC)
-40 -20
0
20
40
60
80 100 120 140
0.1
0.3
0.5
0.7
0.9
VIN = 2.7V
EN = 0V
VCON = 0V
FB = SW = 0V
VIN = 4.2V
VIN = 3.6V
VIN = 5.5V
2.5
3.5
4.5
5.5
6.0
0.66
0.68
0.70
0.72
0.74
0.76
0.78
0.80
SUPPLY VOLTAGE (V)
3.0
4.0
5.0
TA = 25°C
TA = -25°C
TA = 85°C
VCON = 0.267V
FB = 2V
No Load
LM3200
SNVS319C – NOVEMBER 2004 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
(Circuit in Figure 33, PVIN = VDD = EN = 3.6V, BYP = 0V, TA = 25°C, unless otherwise noted)
Quiescent Supply Current
Shutdown Supply Current
vs
vs
Supply Voltage
Temperature (EN = 0V)
Figure 3.
Figure 4.
Switching Frequency Variation
Output Voltage
vs
vs
Temperature (VOUT = 1.5V, IOUT = 200 mA)
Supply Voltage (VOUT = 1.5V)
Figure 5.
Figure 6.
Output Voltage
Output Voltage
vs
vs
Temperature (VOUT = 1.5V)
Temperature (VOUT = 3.25V)
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM3200


Similar Part No. - LM3200_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3200TL NSC-LM3200TL Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200TL NSC-LM3200TL Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3200TL/NOPB TI1-LM3200TL/NOPB Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3200TLX NSC-LM3200TLX Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200TLX NSC-LM3200TLX Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
More results

Similar Description - LM3200_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
[Old version datasheet]   LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
   Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
logo
Texas Instruments
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com