Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3102 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3102
Description  LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3102 Datasheet(HTML) 2 Page - Texas Instruments

  LM3102_15 Datasheet HTML 1Page - Texas Instruments LM3102_15 Datasheet HTML 2Page - Texas Instruments LM3102_15 Datasheet HTML 3Page - Texas Instruments LM3102_15 Datasheet HTML 4Page - Texas Instruments LM3102_15 Datasheet HTML 5Page - Texas Instruments LM3102_15 Datasheet HTML 6Page - Texas Instruments LM3102_15 Datasheet HTML 7Page - Texas Instruments LM3102_15 Datasheet HTML 8Page - Texas Instruments LM3102_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LM3102, LM3102-Q1
SNVS515H – SEPTEMBER 2007 – REVISED JUNE 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 14
1
Features .................................................................. 1
8
Application and Implementation ........................ 16
2
Applications ........................................................... 1
8.1
Application Information............................................ 16
3
Description ............................................................. 1
8.2
Typical Application .................................................. 16
4
Revision History..................................................... 2
8.3
System Examples ................................................... 20
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 21
6
Specifications......................................................... 4
10
Layout................................................................... 21
6.1
Absolute Maximum Ratings ...................................... 4
10.1
Layout Guidelines ................................................. 21
6.2
ESD Ratings.............................................................. 4
10.2
Layout Example .................................................... 21
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 23
6.4
Thermal Information .................................................. 4
11.1
Related Links ........................................................ 23
6.5
Electrical Characteristics........................................... 5
11.2
Community Resources.......................................... 23
6.6
Typical Characteristics .............................................. 7
11.3
Trademarks ........................................................... 23
7
Detailed Description ............................................ 11
11.4
Electrostatic Discharge Caution ............................ 23
7.1
Overview ................................................................. 11
11.5
Glossary ................................................................ 23
7.2
Functional Block Diagram ....................................... 11
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................. 11
Information ........................................................... 23
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (January 2012) to Revision H
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Updated the LM3102Q part number to LM3102-Q1 ............................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM3102 LM3102-Q1


Similar Part No. - LM3102_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
More results

Similar Description - LM3102_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103_14 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3100 TI1-LM3100_14 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM22671MRE-50 TI-LM22671MRE-50 Datasheet
1Mb / 25P
[Old version datasheet]   LM22671/LM22671-Q1 42V, 500mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com