Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2831XSD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2831XSD
Description  LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2831XSD Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2831XSD Datasheet HTML 6Page - Texas Instruments LM2831XSD Datasheet HTML 7Page - Texas Instruments LM2831XSD Datasheet HTML 8Page - Texas Instruments LM2831XSD Datasheet HTML 9Page - Texas Instruments LM2831XSD Datasheet HTML 10Page - Texas Instruments LM2831XSD Datasheet HTML 11Page - Texas Instruments LM2831XSD Datasheet HTML 12Page - Texas Instruments LM2831XSD Datasheet HTML 13Page - Texas Instruments LM2831XSD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
0
0
VIN
VD
TON
t
t
Inductor
Current
D = TON/TSW
VSW
TOFF
TSW
IL
IPK
SW
Voltage
LM2831
SNVS422D – AUGUST 2006 – REVISED SEPTEMBER 2015
www.ti.com
Feature Description (continued)
is proportional to the difference between the feedback voltage and VREF. When the PWM comparator output goes
high, the output switch turns off until the next switching cycle begins. During the switch off-time, inductor current
discharges through the Schottky catch diode, which forces the SW pin to swing below ground by the forward
voltage (VD) of the Schottky catch diode. The regulator loop adjusts the duty cycle (D) to maintain a constant
output voltage.
Figure 18. Typical Waveforms
7.3.2 Soft Start
This function forces VOUT to increase at a controlled rate during start up. During soft start, the error amplifier’s
reference voltage ramps from 0 V to its nominal value of 0.6 V in approximately 600 µs. This forces the regulator
output to ramp up in a controlled fashion, which helps reduce inrush current.
7.3.3 Output Overvoltage Protection
The overvoltage comparator compares the FB pin voltage to a voltage that is 15% higher than the internal
reference VREF. Once the FB pin voltage goes 15% above the internal reference, the internal PMOS control
switch is turned off, which allows the output voltage to decrease toward regulation.
7.3.4 Undervoltage Lockout
Undervoltage lockout (UVLO) prevents the LM2831 from operating until the input voltage exceeds 2.73 V
(typical). The UVLO threshold has approximately 430 mV of hysteresis, so the part will operate until VIN drops
below 2.3 V (typical). Hysteresis prevents the part from turning off during power up if VIN is non-monotonic.
7.3.5 Current Limit
The LM2831 uses cycle-by-cycle current limiting to protect the output switch. During each switching cycle, a
current limit comparator detects if the output switch current exceeds 2.5 A (typical), and turns off the switch until
the next switching cycle begins.
7.3.6 Thermal Shutdown
Thermal shutdown limits total power dissipation by turning off the output switch when the IC junction temperature
exceeds 165°C. After thermal shutdown occurs, the output switch doesn’t turn on until the junction temperature
drops to approximately 150°C.
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM2831


Similar Part No. - LM2831XSD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2831XSD NSC-LM2831XSD Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2831XSDX NSC-LM2831XSDX Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
More results

Similar Description - LM2831XSD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
logo
Allegro MicroSystems
SPI-8001TW ALLEGRO-SPI-8001TW Datasheet
427Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com