Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2787 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2787
Description  LM2787 Low Noise Regulated Switched Capacitor Voltage Inverter in DSBGA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2787 Datasheet(HTML) 7 Page - Texas Instruments

  LM2787_15 Datasheet HTML 1Page - Texas Instruments LM2787_15 Datasheet HTML 2Page - Texas Instruments LM2787_15 Datasheet HTML 3Page - Texas Instruments LM2787_15 Datasheet HTML 4Page - Texas Instruments LM2787_15 Datasheet HTML 5Page - Texas Instruments LM2787_15 Datasheet HTML 6Page - Texas Instruments LM2787_15 Datasheet HTML 7Page - Texas Instruments LM2787_15 Datasheet HTML 8Page - Texas Instruments LM2787_15 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LM2787
www.ti.com
SNVS080F – JULY 2001 – REVISED MAY 2013
(2)
The switching frequency is fixed at 260kHz and RSW (the combined resistance of the internal switches) is
typically 10
Ω. It is clear from this equation that low ESR capacitors are desirable and that larger values of C1 will
further reduce the output resistance. The output resistance of the entire circuit (in dropout) is:
ROUT = RNEG + Rregulator
(3)
Rregulator (the output impedance of the linear regulator) is approximately 10Ω. When the circuit is in regulation, the
overall output resistance is equal to the linear regulator load regulation (5mV/mA). The dropout voltage is
therefore affected by the capacitors used since it is simply defined as IOUT*ROUT.
A larger value of capacitor and lower ESR for C2 will lower the output voltage ripple of the charge-pump. This
ripple will then be subject to the PSRR of the linear regulator and reduced at VOUT.
In summation, larger value capacitors with lower ESR will give the lowest output noise and ripple. C1, C2, and C3
should be 1.0µF minimum with less than 0.3
Ω ESR. Larger values may be used for any or all capacitors. All
capacitors should be either ceramic, surface-mount chip tantalum, or polymer electrolytic.
Output Noise and Ripple
Low output noise and output voltage ripple are two of the attractive features of the LM2787. Because they are
small, the noise and ripple can be hard to measure accurately. Ground loop error between the circuit and the
oscilloscope caused by the switching of the charge-pump produces ground currents in the probe wires. This
causes sharp voltage spikes on the oscilloscope waveform. To reduce this error, measure the output directly at
the output capacitor (C3) and use the shortest wires possible. Also, do not use the ground lead on the probe.
Take the tip cover off of the probe and touch the grounding ring of the probe directly to the output ground. This
should give the most accurate reading of the actual output waveform.
DSBGA Mounting
The DSBGA package requires specific mounting techniques which are detailed in Application Note AN1112.
Referring to the section Surface Mount Technology (SMT) Assembly Considerations, it should be noted that
the pad style which must be used with the 8-pin package is the NSMD (non-solder mask defined) type.
For best results during assembly, alignment ordinals on the PC board may be used to facilitate placement of the
DSBGA device.
DSBGA Light Sensitivity
Exposing the DSBGA device to direct sunlight may cause misoperation of the device. Light sources such as
Halogen lamps can also affect electrical performance if brought near the device.
The wavelengths which have the most detrimental effect are reds and infra-reds. The fluorescent lighting used
inside of most buildings has very little effect on performance.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2787


Similar Part No. - LM2787_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2787BP NSC-LM2787BP Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2787BPX NSC-LM2787BPX Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
More results

Similar Description - LM2787_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27761 TI1-LM27761_16 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
[Old version datasheet]   Low Noise Regulated Switched Capacitor Voltage Inverter
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com