Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFM75P Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RFM75P
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM75P Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RFM75P Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM75P Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM75P Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM75P Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM75P Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM75P Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM75P Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM75P Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM75P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Page 5 of 26
RFM75P V1.0 
E‐mail:sales@hoperf.com                 website://www.hoperf.com  
3 Pin Information
NC
CDVDD
VDD
VSS
VDD
20
19
18
17
16
CE
1
CSN
2
15
VDD
14
VSS
SCK
3
MOSI
4
MISO
5
RFM75P
13
RF
12
NC
11
NC
6
7
8
9
10
IRQ
NC
NC
XO
XI
Figure 2 RFM75P pin assignments (top view)
Name
Pin Function
Description
GND
Ground
Ground (0 V)
VDD
Power
Power Supply (3.3V to4.2V DC)
CE
Digital Input
Chip Enable Activates RX or TX mode
CSN
Digital Input
SPI Chip Select, Active low
SCK
Digital Input
SPI Clock
MOSI
Digital Input
SPI Slave Data Input
MISO
Digital Output
SPI Slave DataOutput with tri-state option
IRQ
Digital Output
Maskable interrupt pin, Active low
TREN
Digital,Input
1=TX Active
0=RX Active
PAEN
Digital,Input
1=Chip is Active,0=chip
is,Shut-,down
Table 1 RFM75P pin functions


Similar Part No. - RFM75P

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM75P HOPE-RFM75P Datasheet
1Mb / 26P
   Low Power High Performance GFSK Transceiver
RFM75P-S2 HOPE-RFM75P-S2 Datasheet
1Mb / 26P
   Low Power High Performance GFSK Transceiver
More results

Similar Description - RFM75P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM73 ETC2-RFM73 Datasheet
1Mb / 27P
   Low Power High Performance 2.4 GHz GFSK Transceiver
RFM75 ETC2-RFM75 Datasheet
757Kb / 27P
   Low Power High Performance 2.4 GHz GFSK Transceiver
TRW-24G2 ETC2-TRW-24G2 Datasheet
1Mb / 22P
   Low Power High Performance 2.4 GHz GFSK Transceiver
BK2425 ETC2-BK2425 Datasheet
1Mb / 30P
   Low Power High Performance 2.4 GHz GFSK Transceiver
RFM73P ETC2-RFM73P Datasheet
865Kb / 25P
   Low Power High Performance 2.4 GHz GFSK Transceiver Module
logo
HOPE Microelectronics C...
RFM75P HOPE-RFM75P Datasheet
1Mb / 26P
   Low Power High Performance GFSK Transceiver
RFM75 HOPE-RFM75 Datasheet
1Mb / 28P
   Low Power High Performance GFSK Transceiver
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
logo
NXP Semiconductors
MCR20AVHM NXP-MCR20AVHM Datasheet
636Kb / 39P
   Low power, high-performance 2.4 GHz IEEE 802.15.4 compliant transceiver with connectivity
Rev. 3.2, 07/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com