Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HP203B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. HP203B
Description  PRECISION BAROMETER AND ALTIMETER SENSOR
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC2 - List of Unclassifed Manufacturers

HP203B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button HP203B Datasheet HTML 2Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 3Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 4Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 5Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 6Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 7Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 8Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 9Page - List of Unclassifed Manufacturers HP203B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DataSheet
HP203B
HP203B_DataSheet_EN_V2.0
www.hoperf.com
6 / 18
4.2.1 Soft Reset the Device
.SOFT_RST (0x06)
Once the user issues this command, the device will immediately be reset no matter what it is
working on. Once the command is received and executed, all the memories (except the NVM) will
be reset to their default values following by a complete power-up sequence to be automatically
performed.
4. 2.2 OSR and Channel Setting
.ADC_CVT (010, 3-bit OSR, 2-bit CHNL)
This command let the device to convert the sensor output to the digital values with or without
compensation depends on the PARA register setting. The 2-bit channel (CHNL) parameter tells the
device the data from which channel(s) shall be converted by the internal ADC. The options are shown
below:
00: sensor pressure and temperature channel
10: temperature channel
The 3-bit OSR defines the decimation rate of the internal digital filter as shown below:
000:
OSR = 4096
011:
OSR = 512
001:
OSR = 2048
100:
OSR = 256
010:
OSR = 1024
101:
OSR = 128
Setting the CHNL bits to the value of 01 or 11, or the OSR bits to the values of 110 or 111 will lead
to failure of conversion.
4. 2.3 Read the Temperature and Pressure Values
READ_PT (0x10)
The temperature data is arranged as 20-bit 2’s complement format and the unit is in degrees
C.Temperature value is stored in all 24 bits of OUT_T_MSB, OUT_T_CSB and OUT_T_LSB. The 4
most significant bits of the 24-bit data is useless, while the 20 least significant bits represent the
temperature value. The user shall convert this 20-bit 2’s complement binary value into an integer, and
then divide the integer by 100 to obtain the final result.
The pressure data is arranged as 20-bit 2’s complement format and the unit is in Pascal. Pressure
value is stored in all 24 bits of OUT_T_MSB, OUT_T_CSB and OUT_T_LSB. The 4 most significant
bits of the 24-bit data is useless, while the 20 least significant bits represent the pressure value. The
user shall convert this 20-bit unsigned binary value into an integer, and then divide the integer by 100
to obtain the final result.
For Example :(
Temperature)
Hex value
OUT_T_MSB
OUT_T_CSB
OUT_T_LSB
Dec value
0x000A5C
0x00
0x0A
0x5C
26.52
0xFFFC02
0xFF
0xFC
0x02
-10.22
For Example :(Unsigned data pressure
)
Hex value
OUT_
P _MSB
OUT_
P_CSB
OUT_
P_LSB
Dec value
0x018A9E
0x01
0x8A
0x9E
1010.22
4. 2.4 Read the Temperature and Altitude Values
.READ_AT (0x11)
The temperature data is arranged as 20-bit 2’s complement format and the unit is in degrees
C.Temperature value is stored in all 24 bits of OUT_T_MSB, OUT_T_CSB and OUT_T_LSB. The 4
most significant bits of the 24-bit data is useless, while the 20 least significant bits represent the


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn