Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HP203B Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part No. HP203B
Description  PRECISION BAROMETER AND ALTIMETER SENSOR
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

HP203B Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
DataSheet
HP203B
is read as 1; if the value has been falling from high to low, the status bit is read as 0.
Figure 2 shows how the 6 interrupts sources are controlled and mapped to the 2 interrupt output pins.
It can be seen that, the ‘traversal’ and ‘window’ interrupts can only be set high while the
corresponding ‘ready’ interrupts are enabled and set high.
On the other hand, the status of the TH_ERR, DEV_RDY and the four INT_DIR bits are only readable
via registers without interrupt signals output to the pins.
Figure 2: Interrupts mapping diagram
6.3.11 INTERRUPTS GENERATION
The T related interrupts are generated as soon as the temperature conversion is finished. This
means that once the external MCU detect the T interrupts, the temperature conversion result is
valid to read.
The PA related interrupts are generated as soon as the pressure conversion is finished. This means
that once the external MCU detect the PA interrupts, the pressure conversion result is valid to read.
However, an additional 5 us is required to compute the altitude based on the temperature and
pressure conversion results. Therefore, after detecting the PA interrupts, the MCU must wait
another 5 us before reading the A computation result.
6.3.12 INTERRUPTS CLEARING
The ADC_CVT, READ_PT or READ_AT command will clear the T_RDY and PA_RDY interrupts.
Once the ‘RDY’ interrupt is cleared, the ‘WIN’ and ‘TRAV'’ interrupts will be cleared at the same time.
However, the ‘WIN’, ‘TRAV'’ and ‘DIR’ register bits will remain their values until a new conversion is
done.
The READ_P or READ_A command will only clear the PA_RDY interrupt. The T related interrupt
and register bits will not be changed by these 2 commands.
The READ_T command will only clear the T_RDY interrupt. The PA related interrupt and register bits
HP203B_DataSheet_EN_V2.0
www.hoperf.com
15 / 18


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn