Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N65Z-E Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 4N65Z-E
Description  N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N65Z-E Datasheet(HTML) 3 Page - Unisonic Technologies

  4N65Z-E Datasheet HTML 1Page - Unisonic Technologies 4N65Z-E Datasheet HTML 2Page - Unisonic Technologies 4N65Z-E Datasheet HTML 3Page - Unisonic Technologies 4N65Z-E Datasheet HTML 4Page - Unisonic Technologies 4N65Z-E Datasheet HTML 5Page - Unisonic Technologies 4N65Z-E Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4N65Z-E
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-995. A
ELECTRICAL CHARACTERISTICS (TC =25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250μA
650
V
Drain-Source Leakage Current
IDSS
VDS = 650 V, VGS = 0 V
10
μA
Gate-Source Leakage Current
Forward
IGSS
VGS = 20 V, VDS = 0 V
5
μA
Reverse
VGS = -20 V, VDS = 0 V
-5
μA
Breakdown Voltage Temperature Coefficient
BVDSS/△TJ ID=250μA, Referenced to 25°C
0.6
V/°С
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10 V, ID = 2.2A
2.6
3.1
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS =25V, VGS = 0V,
f = 1MHz
550
650
pF
Output Capacitance
COSS
57
77
pF
Reverse Transfer Capacitance
CRSS
11
15
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD =30V, ID =0.5A,
RG = 25Ω (Note 1, 2)
50
70
ns
Turn-On Rise Time
tR
275
310
ns
Turn-Off Delay Time
tD(OFF)
150
180
ns
Turn-Off Fall Time
tF
325
355
ns
Total Gate Charge
QG
VDS= 50V,ID=1.3A,
VGS= 10V (Note 1, 2)
60
nC
Gate-Source Charge
QGS
16
nC
Gate-Drain Charge
QGD
18
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, IS = 4.4A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
4.4
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
17.6
A
Reverse Recovery Time
trr
VGS = 0V, IS = 4.4A,
dIF/dt = 100 A/μs (Note 1)
250
ns
Reverse Recovery Charge
QRR
1.5
μC
Note: 1. Pulse Test: Pulse width≤300μs, Duty cycle≤2%
2. Essentially independent of operating temperature


Similar Part No. - 4N65Z-E

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N65Z UTC-4N65Z Datasheet
339Kb / 8P
   4A, 650V N-CHANNEL POWER MOSFET
4N65ZG-TF3-T UTC-4N65ZG-TF3-T Datasheet
339Kb / 8P
   4A, 650V N-CHANNEL POWER MOSFET
4N65ZL-TF3-T UTC-4N65ZL-TF3-T Datasheet
339Kb / 8P
   4A, 650V N-CHANNEL POWER MOSFET
More results

Similar Description - 4N65Z-E

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com