Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2772 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2772
Description  LM2772 Low-Ripple Switched Capacitor Step-Down Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2772 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2772 Datasheet HTML 6Page - Texas Instruments LM2772 Datasheet HTML 7Page - Texas Instruments LM2772 Datasheet HTML 8Page - Texas Instruments LM2772 Datasheet HTML 9Page - Texas Instruments LM2772 Datasheet HTML 10Page - Texas Instruments LM2772 Datasheet HTML 11Page - Texas Instruments LM2772 Datasheet HTML 12Page - Texas Instruments LM2772 Datasheet HTML 13Page - Texas Instruments LM2772 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LM2772
SNVS486B – DECEMBER 2006 – REVISED MAY 2013
www.ti.com
In typical high-current applications, a 4.7µF low-ESR ceramic output capacitor is recommended. Different output
capacitance values can be used to reduce ripple, shrink the solution size, and/or cut the cost of the solution. But
changing the output capacitor may also require changing the flying capacitor and/or input capacitor to maintain
good overall circuit performance. Performance of the LM2772 with different capacitor setups in discussed in the
section Recommended Capacitor Configurations.
High ESR in the output capacitor increases output voltage ripple. If a ceramic capacitor is used at the output, this
is usually not a concern because the ESR of a ceramic capacitor is typically very low and has only a minimal
impact on ripple magnitudes. If a different capacitor type with higher ESR is used (tantalum, for example), the
ESR could result in high ripple. To eliminate this effect, the net output ESR can be significantly reduced by
placing a low-ESR ceramic capacitor in parallel with the primary output capacitor. The low ESR of the ceramic
capacitor will be in parallel with the higher ESR, resulting in a low net ESR based on the principles of parallel
resistance reduction.
Input Capacitor and Input Voltage Ripple
The input capacitor (CIN) is a reservoir of charge that aids a quick transfer of charge from the supply to the flying
capacitors during the charge phase of operation. The input capacitor helps to keep the input voltage from
drooping at the start of the charge phase when the flying capacitors are connected to the input. It also filters
noise on the input pin, keeping this noise out of sensitive internal analog circuitry that is biased off the input line.
Much like the relationship between the output capacitance and output voltage ripple, input capacitance has a
dominant and first-order effect on input ripple magnitude. Increasing (decreasing) the input capacitance will result
in a proportional decrease (increase) in input voltage ripple. Input voltage, output current, and flying capacitance
also will affect input ripple levels to some degree.
In typical high-current applications, a 1µF low-ESR ceramic capacitor is recommended on the input. Different
input capacitance values can be used to reduce ripple, shrink the solution size, and/or cut the cost of the
solution. But changing the input capacitor may also require changing the flying capacitor and/or output capacitor
to maintain good overall circuit performance. Performance of the LM2772 with different capacitor setups is
discussed below in Recommended Capacitor Configurations.
Flying Capacitors
The flying capacitors (C1, C2, C3) transfer charge from the input to the output. Flying capacitance can impact both
output current capability and ripple magnitudes. If flying capacitance is too small, the LM2772 may not be able to
regulate the output voltage when load currents are high. On the other hand, if the flying capacitance is too large,
the flying capacitor might overwhelm the input and output capacitors, resulting in increased input and output
ripple.
In typical high-current applications, 1µF low-ESR ceramic capacitors are recommended for the flying capacitors.
Polarized capacitors (tantalum, aluminum electrolytic, etc.) must not be used for the flying capacitor, as they
could become reverse-biased during LM2772 operation.
Recommended Capacitor Configurations
The data in Table 1 can be used to assist in the selection of a capacitor configuration that best balances solution
size and cost with the electrical requirements of the application.
As previously discussed, input and output ripple voltages will vary with output current and input voltage. The
numbers provided show expected ripple voltage with VIN = 3.6V and a load current of 150mA. The table offers a
first look at approximate ripple levels and provides a comparison of different capacitor configurations, but is not
intended to ensure performance. With any capacitance configuration chosen, always verify that the performance
of the ripple waveforms are suitable for the intended application. The same capacitance value must be used for
all the flying capacitors.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM2772


Similar Part No. - LM2772

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2772 NSC-LM2772 Datasheet
1Mb / 12P
   Low-Ripple Switched Capacitor Step-Down Regulator
logo
Texas Instruments
LM2772 TI1-LM2772 Datasheet
2Mb / 16P
[Old version datasheet]   Low-Ripple Switched Capacitor Step-Down Regulator
logo
National Semiconductor ...
LM2772SD NSC-LM2772SD Datasheet
1Mb / 12P
   Low-Ripple Switched Capacitor Step-Down Regulator
LM2772SDX NSC-LM2772SDX Datasheet
1Mb / 12P
   Low-Ripple Switched Capacitor Step-Down Regulator
More results

Similar Description - LM2772

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2772 NSC-LM2772 Datasheet
1Mb / 12P
   Low-Ripple Switched Capacitor Step-Down Regulator
logo
Texas Instruments
LM2772 TI1-LM2772 Datasheet
2Mb / 16P
[Old version datasheet]   Low-Ripple Switched Capacitor Step-Down Regulator
logo
National Semiconductor ...
LM2773 NSC-LM2773 Datasheet
326Kb / 12P
   Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
logo
Texas Instruments
LM2773 TI-LM2773_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM2780 NSC-LM2780 Datasheet
162Kb / 7P
   Ultra-Low Ripple Switched Capacitor Voltage Inverter
LM2781 NSC-LM2781 Datasheet
162Kb / 7P
   Ultra-Low Ripple Switched Capacitor Voltage Inverter
LM2770 NSC-LM2770 Datasheet
796Kb / 14P
   High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
logo
Texas Instruments
LM2770 TI-LM2770_15 Datasheet
2Mb / 20P
[Old version datasheet]   High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com