Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2772 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2772
Description  LM2772 Low-Ripple Switched Capacitor Step-Down Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2772 Datasheet(HTML) 3 Page - Texas Instruments

  LM2772_15 Datasheet HTML 1Page - Texas Instruments LM2772_15 Datasheet HTML 2Page - Texas Instruments LM2772_15 Datasheet HTML 3Page - Texas Instruments LM2772_15 Datasheet HTML 4Page - Texas Instruments LM2772_15 Datasheet HTML 5Page - Texas Instruments LM2772_15 Datasheet HTML 6Page - Texas Instruments LM2772_15 Datasheet HTML 7Page - Texas Instruments LM2772_15 Datasheet HTML 8Page - Texas Instruments LM2772_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LM2772
www.ti.com
SNVS486B – DECEMBER 2006 – REVISED MAY 2013
Absolute Maximum Ratings
(1) (2) (3)
VIN Pin Voltage
-0.3V to 6.0V
EN Pin Voltage
-0.3V to (VIN+0.3V) w/ 6.0V max
Continuous Power Dissipation(4)
Internally Limited
Junction Temperature (TJ-MAX)
150ºC
Storage Temperature Range
-65ºC to +150º C
Maximum Lead Temperature (5)
265ºC
ESD Rating(6)
Human Body Model:
2.0kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
All voltages are with respect to the potential at the GND pins.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=150ºC (typ.) and
disengages at TJ=140ºC (typ.).
(5)
For detailed information on soldering requirements and recommendations, please refer to Texas Instruments' Application Note 1187
(SNOA401): Leadless Leadframe Package (LLP).
(6)
The Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. MIL-STD-883 3015.7
Operating Ratings
(1) (2)
Input Voltage Range
2.7V to 5.5V
Recommended Load Current Range
0mA to 150mA
Junction Temperature (TJ) Range
-30°C to +110°C
Ambient Temperature (TA) Range
(3)
-30°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 110ºC), the
maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Thermal Properties
Junction-to-Ambient Thermal
55°C/W
Resistance (
θJA), WSON-10 Package
(1)
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2772


Similar Part No. - LM2772_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2772SD NSC-LM2772SD Datasheet
1Mb / 12P
   Low-Ripple Switched Capacitor Step-Down Regulator
LM2772SDX NSC-LM2772SDX Datasheet
1Mb / 12P
   Low-Ripple Switched Capacitor Step-Down Regulator
More results

Similar Description - LM2772_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2772 NSC-LM2772 Datasheet
1Mb / 12P
   Low-Ripple Switched Capacitor Step-Down Regulator
logo
Texas Instruments
LM2772 TI1-LM2772 Datasheet
2Mb / 16P
[Old version datasheet]   Low-Ripple Switched Capacitor Step-Down Regulator
logo
National Semiconductor ...
LM2773 NSC-LM2773 Datasheet
326Kb / 12P
   Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
logo
Texas Instruments
LM2773 TI-LM2773_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM2780 NSC-LM2780 Datasheet
162Kb / 7P
   Ultra-Low Ripple Switched Capacitor Voltage Inverter
LM2781 NSC-LM2781 Datasheet
162Kb / 7P
   Ultra-Low Ripple Switched Capacitor Voltage Inverter
LM2770 NSC-LM2770 Datasheet
796Kb / 14P
   High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
logo
Texas Instruments
LM2770 TI-LM2770_15 Datasheet
2Mb / 20P
[Old version datasheet]   High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com