Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2734Z Datasheet(PDF) 8 Page - Texas Instruments

Part # LM2734Z
Description  LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2734Z Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2734Z_15 Datasheet HTML 4Page - Texas Instruments LM2734Z_15 Datasheet HTML 5Page - Texas Instruments LM2734Z_15 Datasheet HTML 6Page - Texas Instruments LM2734Z_15 Datasheet HTML 7Page - Texas Instruments LM2734Z_15 Datasheet HTML 8Page - Texas Instruments LM2734Z_15 Datasheet HTML 9Page - Texas Instruments LM2734Z_15 Datasheet HTML 10Page - Texas Instruments LM2734Z_15 Datasheet HTML 11Page - Texas Instruments LM2734Z_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LM2734
VIN
BOOST
SW
GND
CBOOST
L
D1
D2
D3
CIN
VIN
COUT
VOUT
VBOOST
LM2734Z
SNVS334E – JANUARY 2005 – REVISED APRIL 2013
www.ti.com
In the Simplifed Block Diagram of Block Diagram, capacitor CBOOST and diode D2 supply the gate-drive current
for the NMOS switch. Capacitor CBOOST is charged via diode D2 by VIN. During a normal switching cycle, when
the internal NMOS control switch is off (TOFF) (refer to Figure 9), VBOOST equals VIN minus the forward voltage of
D2 (VFD2), during which the current in the inductor (L) forward biases the Schottky diode D1 (VFD1). Therefore the
voltage stored across CBOOST is
VBOOST - VSW = VIN - VFD2 + VFD1
(1)
When the NMOS switch turns on (TON), the switch pin rises to
VSW = VIN – (RDSON x IL),
(2)
forcing VBOOST to rise thus reverse biasing D2. The voltage at VBOOST is then
VBOOST = 2VIN – (RDSON x IL) – VFD2 + VFD1
(3)
which is approximately
2VIN - 0.4V
(4)
for many applications. Thus the gate-drive voltage of the NMOS switch is approximately
VIN - 0.2V
(5)
An alternate method for charging CBOOST is to connect D2 to the output as shown in Figure 10. The output
voltage should be between 2.5V and 5.5V, so that proper gate voltage will be applied to the internal switch. In
this circuit, CBOOST provides a gate drive voltage that is slightly less than VOUT.
In applications where both VIN and VOUT are greater than 5.5V, or less than 3V, CBOOST cannot be charged
directly from these voltages. If VIN and VOUT are greater than 5.5V, CBOOST can be charged from VIN or VOUT
minus a zener voltage by placing a zener diode D3 in series with D2, as shown in Figure 11. When using a
series zener diode from the input, ensure that the regulation of the input supply doesn’t create a voltage that falls
outside the recommended VBOOST voltage.
(VINMAX – VD3) < 5.5V
(6)
(VINMIN – VD3) > 1.6V
(7)
Figure 11. Zener Reduces Boost Voltage from VIN
An alternative method is to place the zener diode D3 in a shunt configuration as shown in Figure 12. A small
350mW to 500mW 5.1V zener in a SOT or SOD package can be used for this purpose. A small ceramic
capacitor such as a 6.3V, 0.1µF capacitor (C4) should be placed in parallel with the zener diode. When the
internal NMOS switch turns on, a pulse of current is drawn to charge the internal NMOS gate capacitance. The
0.1 µF parallel shunt capacitor ensures that the VBOOST voltage is maintained during this time.
Resistor R3 should be chosen to provide enough RMS current to the zener diode (D3) and to the BOOST pin. A
recommended choice for the zener current (IZENER) is 1 mA. The current IBOOST into the BOOST pin supplies the
gate current of the NMOS control switch and varies typically according to the following formula:
IBOOST = (D + 0.5) x (VZENER – VD2) mA
(8)
where D is the duty cycle, VZENER and VD2 are in volts, and IBOOST is in milliamps. VZENER is the voltage applied to
the anode of the boost diode (D2), and VD2 is the average forward voltage across D2. Note that this formula for
IBOOST gives typical current. For the worst case IBOOST, increase the current by 25%. In that case, the worst case
boost current will be
IBOOST-MAX = 1.25 x IBOOST
(9)
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2734Z


Similar Part No. - LM2734Z_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2734Z TI1-LM2734Z_14 Datasheet
1Mb / 29P
[Old version datasheet]   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
More results

Similar Description - LM2734Z_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z NSC-LM2734Z Datasheet
775Kb / 9P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734Z TI1-LM2734Z_14 Datasheet
1Mb / 29P
[Old version datasheet]   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com