Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2734Z Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2734Z
Description  LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2734Z Datasheet(HTML) 5 Page - Texas Instruments

  LM2734Z_15 Datasheet HTML 1Page - Texas Instruments LM2734Z_15 Datasheet HTML 2Page - Texas Instruments LM2734Z_15 Datasheet HTML 3Page - Texas Instruments LM2734Z_15 Datasheet HTML 4Page - Texas Instruments LM2734Z_15 Datasheet HTML 5Page - Texas Instruments LM2734Z_15 Datasheet HTML 6Page - Texas Instruments LM2734Z_15 Datasheet HTML 7Page - Texas Instruments LM2734Z_15 Datasheet HTML 8Page - Texas Instruments LM2734Z_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LM2734Z
www.ti.com
SNVS334E – JANUARY 2005 – REVISED APRIL 2013
Typical Performance Characteristics
All curves taken at VIN = 5V, VBOOST - VSW = 5V, L1 = 2.2 µH and TA = 25°C, unless specified otherwise.
Efficiency vs Load Current VOUT = 5V
Efficiency vs Load Current VOUT = 3.3V
Figure 3.
Figure 4.
Efficiency vs Load Current VOUT = 1.5V
Oscillator Frequency vs Temperature
Figure 5.
Figure 6.
Line Regulation
Line Regulation
VOUT = 1.5V, IOUT = 500mA
VOUT = 3.3V, IOUT = 500mA
Figure 7.
Figure 8.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2734Z


Similar Part No. - LM2734Z_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2734Z TI1-LM2734Z_14 Datasheet
1Mb / 29P
[Old version datasheet]   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
More results

Similar Description - LM2734Z_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z NSC-LM2734Z Datasheet
775Kb / 9P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734Z TI1-LM2734Z_14 Datasheet
1Mb / 29P
[Old version datasheet]   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com