Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2700MT-ADJ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2700MT-ADJ
Description  LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2700MT-ADJ Datasheet(HTML) 2 Page - Texas Instruments

  LM2700MT-ADJ Datasheet HTML 1Page - Texas Instruments LM2700MT-ADJ Datasheet HTML 2Page - Texas Instruments LM2700MT-ADJ Datasheet HTML 3Page - Texas Instruments LM2700MT-ADJ Datasheet HTML 4Page - Texas Instruments LM2700MT-ADJ Datasheet HTML 5Page - Texas Instruments LM2700MT-ADJ Datasheet HTML 6Page - Texas Instruments LM2700MT-ADJ Datasheet HTML 7Page - Texas Instruments LM2700MT-ADJ Datasheet HTML 8Page - Texas Instruments LM2700MT-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LM2700
SNVS152C – MAY 2001 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 2. Top View
14-Lead TSSOP or WSON
PIN DESCRIPTION
Pin
Name
Function
1
VC
Compensation network connection. Connected to the output of the voltage error amplifier.
2
FB
Output voltage feedback input.
3
SHDN
Shutdown control input, active low.
4
AGND
Analog ground.
5
PGND
Power ground. PGND pins must be connected together directly at the part.
6
PGND
Power ground. PGND pins must be connected together directly at the part.
7
PGND
Power ground. PGND pins must be connected together directly at the part.
8
SW
Power switch input. Switch connected between SW pins and PGND pins.
9
SW
Power switch input. Switch connected between SW pins and PGND pins.
10
SW
Power switch input. Switch connected between SW pins and PGND pins.
11
NC
Pin not connected internally.
12
VIN
Analog power input.
13
FSLCT
Switching frequency select input. VIN = 1.25MHz. Ground = 600kHz.
14
NC
Connect to ground.
2
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM2700


Similar Part No. - LM2700MT-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2700MT-ADJ NSC-LM2700MT-ADJ Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700MT-ADJ NSC-LM2700MT-ADJ Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results

Similar Description - LM2700MT-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224 Datasheet
920Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM3224 TI1-LM3224 Datasheet
1Mb / 26P
[Old version datasheet]   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224_05 Datasheet
917Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com