Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2622 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2622
Description  LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2622 Datasheet(HTML) 4 Page - Texas Instruments

  LM2622_15 Datasheet HTML 1Page - Texas Instruments LM2622_15 Datasheet HTML 2Page - Texas Instruments LM2622_15 Datasheet HTML 3Page - Texas Instruments LM2622_15 Datasheet HTML 4Page - Texas Instruments LM2622_15 Datasheet HTML 5Page - Texas Instruments LM2622_15 Datasheet HTML 6Page - Texas Instruments LM2622_15 Datasheet HTML 7Page - Texas Instruments LM2622_15 Datasheet HTML 8Page - Texas Instruments LM2622_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LM2622
SNVS068E – MAY 2000 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
VIN
12V
SW Voltage
18V
FB Voltage
7V
VC Voltage
7V
SHDN Voltage
7V
FSLCT
12V
Maximum Junction Temperature
150°C
Power Dissipation(3)
Internally Limited
Lead Temperature
300°C
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
ESD Susceptibility
(4)
Human Body Model
2kV
Machine Model
200V
(1)
Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the
device is intended to be functional, but device parameter specifications may not be ensured. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. See the Electrical Characteristics table for the thermal resistance of various layouts.
The maximum allowable power dissipation at any ambient temperature is calculated using: PD (MAX) = (TJ(MAX) − TA)/θJA. Exceeding
the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin.
Operating Conditions
Operating Junction Temperature Range (1)
−40°C to +125°C
Storage Temperature
−65°C to +150°C
Supply Voltage
2V to 12V
(1)
All limits specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control (SQC)
methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Electrical Characteristics
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range ( TJ = −40°C to +125°C)Unless otherwise specified. VIN =2.0V and IL = 0A, unless otherwise specified.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
IQ
Quiescent Current
FB = 0V (Not Switching)
1.3
2.0
mA
VSHDN = 0V
5
10
µA
VFB
Feedback Voltage
1.2285
1.26
1.2915
V
ICL
(3)
Switch Current Limit
VIN = 2.7V
(4)
1.0
1.65
2.3
A
ΔVO/ΔILOAD
Load Regulation
VIN = 3.3V
6.7
mV/A
%VFB/ΔVIN
Feedback Voltage Line
2.0V
≤ VIN ≤ 12.0V
0.013
0.1
%/V
Regulation
IB
FB Pin Bias Current (5)
0.5
20
nA
(1)
All limits specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control (SQC)
methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
Duty cycle affects current limit due to ramp generator.
(4)
Current limit at 0% duty cycle. See Typical Performance Characteristics section for Switch Current Limit vs. VIN
(5)
Bias current flows into FB pin.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2622


Similar Part No. - LM2622_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2622MM-ADJ NSC-LM2622MM-ADJ Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2622MM-ADJ NSC-LM2622MM-ADJ Datasheet
460Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2622MMX-ADJ NSC-LM2622MMX-ADJ Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2622MMX-ADJ NSC-LM2622MMX-ADJ Datasheet
460Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622_04 Datasheet
460Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
More results

Similar Description - LM2622_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622_04 Datasheet
460Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
logo
Texas Instruments
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com