Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2524D Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2524D
Description  Regulating Pulse Width Modulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2524D Datasheet(HTML) 5 Page - Texas Instruments

  LM2524D Datasheet HTML 1Page - Texas Instruments LM2524D Datasheet HTML 2Page - Texas Instruments LM2524D Datasheet HTML 3Page - Texas Instruments LM2524D Datasheet HTML 4Page - Texas Instruments LM2524D Datasheet HTML 5Page - Texas Instruments LM2524D Datasheet HTML 6Page - Texas Instruments LM2524D Datasheet HTML 7Page - Texas Instruments LM2524D Datasheet HTML 8Page - Texas Instruments LM2524D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM2524D, LM3524D
www.ti.com
SNVS766E – JUNE 2009 – REVISED MAY 2013
Electrical Characteristics
(1) (continued)
Symbol
Parameter
Conditions
LM2524D
LM3524D
Units
Typ
Tested
Design
Typ
Tested
Design
Limit(2)
Limit(3)
Limit(2)
Limit(3)
SHUT DOWN SECTION
VSD
High Input Voltage
V(Pin 2) − V(Pin 1) ≥ 150 mV
1
0.5
1
0.5
VMin
1.5
1.5
VMax
ISD
High Input Current
I(pin 10)
1
1
mA
OUTPUT SECTION (EACH OUTPUT)
VCES
Collector Emitter Voltage
IC ≤ 100 μA
55
40
VMin
Breakdown
ICES
Collector Leakage Current
VCE = 60V
VCE = 55V
0.1
50
μAMax
VCE = 40V
0.1
50
VCESAT
Saturation Voltage
IE = 20 mA
0.2
0.5
0.2
0.7
VMax
IE = 200 mA
1.5
2.2
1.5
2.5
VEO
Emitter Output Voltage
IE = 50 mA
18
17
18
17
VMin
tR
Rise Time
VIN = 20V,
200
200
ns
IE = −250 μA
RC = 2k
tF
Fall Time
RC = 2k
100
100
ns
SUPPLY CHARACTERISTICS SECTION
VIN
Input Voltage Range
After Turn-on
8
8
VMin
40
40
VMax
T
Thermal Shutdown Temp.
(6)
160
160
°C
IIN
Stand By Current
VIN = 40V
(7)
5
10
5
10
mA
(6)
For operation at elevated temperatures, devices in the NFG package must be derated based on a thermal resistance of 86°C/W,
junction to ambient. Devices in the D package must be derated at 125°C/W, junction to ambient.
(7)
Pins 1, 4, 7, 8, 11, and 14 are grounded; Pin 2 = 2V. All other inputs and outputs open.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2524D LM3524D


Similar Part No. - LM2524D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2524D NSC-LM2524D Datasheet
1Mb / 22P
   Regulating Pulse Width Modulator
LM2524DN NSC-LM2524DN Datasheet
1Mb / 22P
   Regulating Pulse Width Modulator
More results

Similar Description - LM2524D

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com