Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF3504 Datasheet(PDF) 2 Page - Hongfa Technology

Part # HF3504
Description  WIPER INTERMITTENT CONTROLLER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF3504 Datasheet(HTML) 2 Page - Hongfa Technology

  HF3504 Datasheet HTML 1Page - Hongfa Technology HF3504 Datasheet HTML 2Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
463
Kkjb_d[ A_c[di_edi
>
>
F
64
86[
48
64X
86Y
F
64
86[
48
64X
86Y
> Z_h[Yj_ed
> Z_h[Yj_ed
,?ejjec l_[m-
,?ejjec l_[m-
S_h_d] A_W]hWc
EC6837>2WW0W,TTT-
EC68372WW0W,TTT-
EC683:2WW0W,TTT-
A_iYbW_c[h
P^[ if[Y_\_YWj_ed _i \eh h[\[h[dY[ edbo1 O[[ je +P[hc_debe]o WdZ Dk_Z[b_d[i+ \eh ceh[ _d\ehcWj_ed1 Of[Y_\_YWj_edi ikX`[Yj je Y^Wd][ m_j^ekj dej_Y[1
Fd YWi[ j^[h[ _i if[Y_\_Y Yh_j[h_ed ,ikY^ Wi c_ii_ed fhe\_b[/ j[Y^d_YWb if[Y_\_YWj_ed/ LL>L [jY1- Y^[Ya[Z WdZ W]h[[Z Xo WdZ X[jm[[d Ykijec[h WdZ Eed]\W/
j^_i if[Y_\_Y Yh_j[h_ed i^ekbZ X[ jWa[d Wi ijWdZWhZ h[]WhZ_d] Wdo h[gk_h[c[dj ed Eed]\W fheZkYj1
S[ YekbZ dej [lWbkWj[ Wbb j^[ f[h\ehcWdY[ WdZ Wbb j^[ fWhWc[j[hi \eh [l[ho feii_Xb[ Wffb_YWj_ed1 P^ki j^[ ki[h i^ekbZ X[ _d W h_]^j fei_j_ed je Y^eei[
j^[ ik_jWXb[ fheZkYj \eh j^[_h emd Wffb_YWj_ed1 F\ j^[h[ _i Wdo gk[ho/ fb[Wi[ YedjWYj Eed]\W \eh j^[ j[Y^d_YWb i[hl_Y[1 Eem[l[h/ _j _i j^[ ki[hui h[ifedi_X_b_jo
je Z[j[hc_d[ m^_Y^ fheZkYj i^ekbZ X[ ki[Z edbo1
q T_Wc[d Eed]\W Bb[YjheWYekij_Y @e1/ HjZ1 >bb h_]^ji e\ Eed]\W Wh[ h[i[hl[Z1
<A@98;4 38:4;?8<;?{ B8>8;6 3806>0:
>i i^emd ed b[\j Y_hYk_j/ j^[ j[hc_dWb 48_i Yedd[Yj[Z m_j^ fei_j_l[ [b[YjheZ[
e\ fem[h ikffbo/ j[hc_dWb 64 _i Yedd[Yj[Z m_j^ d[]Wj_l[ [b[YjheZ[ e\ fem[h
ikffbo/ j^[ j[hc_dWb F WdZ 86[ Wh[ Yedd[Yj[Z m_j^ YecX_d[Z im_jY^/ j^[ j[hc_dWb
64X _i Yedd[Yj[Z m_j^ m_f[h cejeh im_jY^/ j^[ j[hc_dWb 86Y _i Yedd[Yj[Z m_j^
mWi^_d] Xkcf im_jY^1
Fdj[hc_j m_f_d]/ m^[d YecX_d[Z im_jY^ G5 _i Wj fei_j_ed 4/ j^[ j[hc_dWb F m_bb
h[Y[_l[ 45R lebjW][/ j^[ _dj[hdWb h[bWo m_bb ijWhj \kdYj_ed/ j^[ j[hc_dWb 86[ WdZ
48m_bb X[ Yedd[Yj[Z/ j^[ m_f[h cejeh m_bb ijWhj je meha/ m^[d j[hc_dWb 64X
h[Y[_l[ j^[ \[[ZXWYa i_]dWb \hec 3R/ j^[ _dj[hdWb h[bWo m_bb h[b[Wi[ WdZ j^[
j[hc_dWb 86[ WdZ 48 m_bb X[ ef[d[Z/ j^[ m_f[h cejeh m_bb ijef1 P^[ WXel[
fheY[ii m_bb h[f[Wj W\j[h 818ix418i1
SWi^_d] m_f_d]/ m^[d G4 _i Ybei[Z/ j^[ j[hc_dWb 86Y m_bb h[Y[_l[ 45R lebjW][/
j^[ _dj[hdWb h[bWo m_bb ijWhj \kdYj_ed/ j^[ j[hc_dWb 86[ WdZ 48 m_bb X[ Yedd[Yj[Z/
j^[ m_f[h cejeh m_bb ijWhj je meha/ m^[d G4 _i ef[d[Z WdZ Z[bWo[Z \eh 618i .
518i eh 6i.6i/ j^[ _dj[hdWb h[bWo m_bb h[b[Wi[ WdZ j^[ m_f[h cejeh m_bb ijef WdZ
m_bb h[cW_d Wj ijef fei_j_ed1
64X ,86O-
86[ ,86I-
F
EC6837 ,EC683:-
86Y ,P-
64 48
64
48
G4
G5
;17 315
:1< 315
<1< 315
4:1< 315
63 318
51; 314
63 318
31; 3138
916 314
63 318
31; 3138
916 314
63 318
51; 314
;17 315
:1< 315
<1< 315
4:1< 315
Qd_j= cc
4-
5-
6-
80t41;
80t41;


Similar Part No. - HF3504

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF3504 HONGFA-HF3504 Datasheet
53Kb / 2P
   WIPER INTERMITTENT CONTROLLER
HF3504A/12-G HONGFA-HF3504A/12-G Datasheet
53Kb / 2P
   WIPER INTERMITTENT CONTROLLER
More results

Similar Description - HF3504

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF3504 HONGFA-HF3504 Datasheet
53Kb / 2P
   WIPER INTERMITTENT CONTROLLER
logo
Sanyo Semicon Device
LB8050 SANYO-LB8050 Datasheet
93Kb / 4P
   Intermittent Windshield Wiper Controller
logo
TEMIC Semiconductors
U842B TEMIC-U842B Datasheet
264Kb / 12P
   Wiper Control for Intermittent and Wipe/ Wash Mode
U2642B TEMIC-U2642B Datasheet
178Kb / 10P
   Intermittent- and Wipe/Wash Control for Wiper Systems
logo
Hongfa Technology
JA3507A HONGFA-JA3507A Datasheet
39Kb / 1P
   WIPER CONTROLLER
JA3507 HONGFA-JA3507 Datasheet
38Kb / 1P
   WIPER CONTROLLER
JA3504 HONGFA-JA3504 Datasheet
38Kb / 1P
   WIPER CONTROLLER
JA3502 HONGFA-JA3502 Datasheet
37Kb / 1P
   WIPER CONTROLLER
HF3606 HONGFA-HF3606 Datasheet
61Kb / 3P
   WIPER CONTROLLER
logo
TEMIC Semiconductors
U846B TEMIC-U846B Datasheet
201Kb / 13P
   Digital Wiper Control for Intermittent and Wipe/ Wash Mode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com