Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSALS24M5X53-B0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # CSALS24M5X53-B0
Description  stable over a wide temperature range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSALS24M5X53-B0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CSALS24M5X53-B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSALS24M5X53-B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSALS24M5X53-B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
CSALS24M5X53-B0
Specifications
Shape
Lead
Frequency
24.500MHz
Frequency Tolerance
±0.5%
Operating Temperature Range
-
20
to
80
Frequency Shift by Temperature
±0.2%
Frequency Aging
±0.2%
Wash
Not avairable
Resonant Impedance
50Ω
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/11/09


Similar Part No. - CSALS24M5X53-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSALS24M5X53-B0 MURATA1-CSALS24M5X53-B0 Datasheet
241Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
01/12/2023
CSALS24M5X53-B0 MURATA1-CSALS24M5X53-B0 Datasheet
282Kb / 2P
   Crystal Units/MEMS Resonators
02/23/2024
CSALS24M5X53-B0 MURATA1-CSALS24M5X53-B0_V01 Datasheet
241Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
01/12/2023
CSALS24M5X53-B0 MURATA1-CSALS24M5X53-B0_V02 Datasheet
282Kb / 2P
   Crystal Units/MEMS Resonators
02/23/2024
More results

Similar Description - CSALS24M5X53-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSALS24M0X53-A0 MURATA-CSALS24M0X53-A0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS16M9X55-A0 MURATA-CSALS16M9X55-A0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS33M8X51-B0 MURATA-CSALS33M8X51-B0 Datasheet
183Kb / 3P
   stable over a wide temperature range
CSALS20M0X53-A0 MURATA-CSALS20M0X53-A0 Datasheet
186Kb / 3P
   stable over a wide temperature range
CSALS16M0X55-B0 MURATA-CSALS16M0X55-B0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS16M0X55Z-B0 MURATA-CSALS16M0X55Z-B0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS20M0X53-B0 MURATA-CSALS20M0X53-B0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS24M0X53-B0 MURATA-CSALS24M0X53-B0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS27M0X51-B0 MURATA-CSALS27M0X51-B0 Datasheet
184Kb / 3P
   stable over a wide temperature range
logo
Murata Manufacturing Co...
CSTLS30M0X53Z-B0 MURATA1-CSTLS30M0X53Z-B0 Datasheet
188Kb / 3P
   Stable over a wide temperature range.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com