Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

240-790-070 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 240-790-070
Description  Series 79 Filtered Cable Plug
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

240-790-070 Datasheet(HTML) 2 Page - Glenair, Inc.

  240-790-070 Datasheet HTML 1Page - Glenair, Inc. 240-790-070 Datasheet HTML 2Page - Glenair, Inc. 240-790-070 Datasheet HTML 3Page - Glenair, Inc. 240-790-070 Datasheet HTML 4Page - Glenair, Inc. 240-790-070 Datasheet HTML 5Page - Glenair, Inc. 240-790-070 Datasheet HTML 6Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
G-45
Dimensions in inches (millimeters) and are subject to change without notice.
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
G
240-790-070
Series 79 Filtered Cable Plug
with Solder Cup Termination
Table I: Contact Arrangements
Layout
Contact
Quantity
Face View
#23
#16
#12
A-5
5
B-2P2
2
B-9
9
C-13
13
D-15
15
D-3P3
3
D-7P2
5
2
E-11P2
9
2
E-19
19
E-7P3
4
3
F-15P2
13
2
F-23
23
F-5P5
5
G-33
33
H-10P4
6
4
H-29P7
22
7
H-36P2
34
2
H-54P2
52
2
H-5P5
5
H-66
66
J-17P4
13
4
J-25P2
23
2
J-33
33
J-7P7
7
K-27P4
23
4
K-35P2
33
2
K-43
43
K-9P9
9
L-6P6
6
L-78
78
M-102
102
Table III: Jackscrew, Screwlock, and Jackpost Options
L
Low-Profile
Captivated
Jackscrew,
Allen Head
K
Extended
Captivated
Jackscrew,
Knurled Slot
Head
S
Low-Profile
Captivated
Screwlock,
Allen Head
T
Extended
Captivated
Screwlock,
Knurled Slot
Head
P
Jackpost with
Nut and Split
Washer
.155
(3.94)
Max
.925
(23.5)
Max
.290
(7.37)
Max
.925
(23.5)
Max
.190
(4.83)
Max
Notes:
1. Thread size is #2-56 for shell sizes A, B, C, D, E, F, G, J, K; #4-40 for shell sizes H and L;
#6-32 for shell size M.
2. Screwlocks allow full mating of the connectors before the screws are fastened.
Jackscrews must be tightened to mate the connectors.
Table II: Capacitor Array Code / Capacitance Range
Class
Pi - Circuit (pF)
C - Circuit (pF)
X*†
160,000 - 240,000
80,000 - 120,000
Y*
80,000 - 120,000
40,000 - 60,000
Z*
60,000 - 90,000
30,000 - 45,000
A
38,000 - 56,000
19,000 - 28,000
B
32,000 - 45,000
16,000 - 22,500
C
18,000 - 33,000
9,000 - 16,500
D
8,000 - 12,000
4,000 - 6,000
E
3,300 - 5,000
1,650 - 2,500
F
800 - 1,300
400 - 650
G
400 - 600
200 - 300
J
70-120
35-60
* Filter Classes X, Y and Z are 250 VDC.
All others are 500 VDC
† Class X filters not available for insert
arrangements with 3 or more rows of contacts


Similar Part No. - 240-790-070

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-790-071 GLENAIR-240-790-071 Datasheet
335Kb / 6P
   Rear Panel Mount with Solder Cup Termination
240-790-072 GLENAIR-240-790-072 Datasheet
353Kb / 6P
   Rear Panel Mount with Solder Cup Termination
More results

Similar Description - 240-790-070

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-790-044 GLENAIR-240-790-044 Datasheet
290Kb / 6P
   Series 79 Filtered Plug
240-790-029 GLENAIR-240-790-029 Datasheet
311Kb / 6P
   Series 79 Filtered Plug
240-790-069 GLENAIR-240-790-069 Datasheet
303Kb / 6P
   Series 79 Filtered Filtered Cable Receptacle
240-790-043 GLENAIR-240-790-043 Datasheet
264Kb / 6P
   Series 79 Filtered Receptacle
logo
Adam Technologies, Inc.
DXXX-PT-1-BL-EMI ADAM-TECH-DXXX-PT-1-BL-EMI Datasheet
118Kb / 1P
   D-SUB PLUG EMI FILTERED
logo
Glenair, Inc.
2470-1112 GLENAIR-2470-1112 Datasheet
63Kb / 1P
   Combo-D Filtered Plug Connector
logo
Adam Technologies, Inc.
DXXX-PT-1-BL-JS-EMI ADAM-TECH-DXXX-PT-1-BL-JS-EMI Datasheet
122Kb / 1P
   D-SUB PLUG EMI FILTERED
logo
Switchcraft, Inc.
CAEN2C2F07990 SWITCH-CAEN2C2F07990 Datasheet
42Kb / 1P
   EN2C2M20 ON 79 OF CABLE, RoHS
CAEN2C2M07990 SWITCH-CAEN2C2M07990 Datasheet
40Kb / 1P
   EN2C2M20 ON 79 OF CABLE, RoHS
CAEN2C3F07990 SWITCH-CAEN2C3F07990 Datasheet
44Kb / 1P
   EN2C3F20 ON 79 OF CABLE, RoHS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com