Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-T2013 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE-T2013
Description  Low Loss 5 dB N Unequal Tapper Optimized For Mobile
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-T2013 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE-T2013 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-T2013 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-T2013 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Mechanical Specifications
Size
Length, in [mm]
6.23 [158.24]
Width, in [mm]
1 [25.4]
Height, in [mm]
2.1 [53.34]
.
Weight, lbs [g]
0.75 [340.19]
Humidity
IP65
Connector 1
Contact Material and Plating
Brass, Tri-Metal
Outer Conductor Material and Plating
Brass, Tri-Metal
Body Material and Plating
Brass, Tri-Metal
Connector 2
Contact Material and Plating
Brass, Tri-Metal
Outer Conductor Material and Plating
Brass, Tri-Metal
Body Material and Plating
Brass, Tri-Metal
Connector 3
Contact Material and Plating
Brass, Tri-Metal
Outer Conductor Material and Plating
Brass, Tri-Metal
Body Material and Plating
Brass, Tri-Metal
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
*Notes:•Valuesat25°C,sealevel
•Main line VSWR usable to DC
•CouplingPortusableto148MHzorlesswithacceptableroll-off.
•InsertionLoss=DissipativeLoss+CouplingLoss
•ResonantFreeinlistedoperatingbands,Resonancemayoccuroutsidespecifiedoperatingbands
Low Loss 5 dB N Unequal Tapper Optimized For Mobile Networks From 700 MHz to 2.7 GHz Rated To 300 Watts from
PasternackEnterpriseshassamedayshipmentfordomesticandInternationalorders.OurRF,microwaveandfiberoptic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: Low Loss 5 dB N Unequal Tapper Optimized For Mobile Networks From 700 MHz to 2.7 GHz
Rated To 300 Watts PE-T2013
URL: http://www.pasternack.com/low-loss-5db-n-unequaltapper-700-mhz-2.7-ghz-300watts-pe-t2013-p.aspx
PE-T2013
PE-T2013 REV 1.0
Low Loss 5 dB N Unequal Tapper Optimized For Mobile
Networks From 700 MHz to 2.7 GHz Rated To 300 Watts


Similar Part No. - PE-T2013

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-T2010 PASTERNACK-PE-T2010 Datasheet
267Kb / 4P
   Low Loss 9 dB N Unequal Tapper Optimized For Mobile
PE-T2011 PASTERNACK-PE-T2011 Datasheet
267Kb / 4P
   Low Loss 7 dB N Unequal Tapper Optimized For Mobile
PE-T2012 PASTERNACK-PE-T2012 Datasheet
267Kb / 4P
   Low Loss 8 dB N Unequal Tapper Optimized For Mobile
PE-T2014 PASTERNACK-PE-T2014 Datasheet
267Kb / 4P
   Low Loss 6 dB N Unequal Tapper Optimized For Mobile
PE-T2015 PASTERNACK-PE-T2015 Datasheet
267Kb / 4P
   Low Loss 15 dB N Unequal Tapper Optimized For Mobile
More results

Similar Description - PE-T2013

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-T2023 PASTERNACK-PE-T2023 Datasheet
269Kb / 4P
   Low Loss 30 dB N Unequal Tapper Optimized For Mobile
PE-T2017 PASTERNACK-PE-T2017 Datasheet
381Kb / 4P
   Low Loss 20 dB N Unequal Tapper Optimized For Mobile
PE-T2014 PASTERNACK-PE-T2014 Datasheet
267Kb / 4P
   Low Loss 6 dB N Unequal Tapper Optimized For Mobile
PE-T2011 PASTERNACK-PE-T2011 Datasheet
267Kb / 4P
   Low Loss 7 dB N Unequal Tapper Optimized For Mobile
PE-T2018 PASTERNACK-PE-T2018 Datasheet
268Kb / 4P
   Low Loss 13 dB N Unequal Tapper Optimized For Mobile
PE-T2016 PASTERNACK-PE-T2016 Datasheet
267Kb / 4P
   Low Loss 10 dB N Unequal Tapper Optimized For Mobile
PE-T2010 PASTERNACK-PE-T2010 Datasheet
267Kb / 4P
   Low Loss 9 dB N Unequal Tapper Optimized For Mobile
PE-T2024 PASTERNACK-PE-T2024 Datasheet
269Kb / 4P
   Low Loss 12 dB N Unequal Tapper Optimized For Mobile
PE-T2025 PASTERNACK-PE-T2025 Datasheet
269Kb / 4P
   Low Loss 11 dB N Unequal Tapper Optimized For Mobile
PE-T2012 PASTERNACK-PE-T2012 Datasheet
267Kb / 4P
   Low Loss 8 dB N Unequal Tapper Optimized For Mobile
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com