Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKP20N60TA Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IKP20N60TA
Description  600V low loss switching series third generation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKP20N60TA Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IKP20N60TA Datasheet HTML 2Page - Infineon Technologies AG IKP20N60TA Datasheet HTML 3Page - Infineon Technologies AG IKP20N60TA Datasheet HTML 4Page - Infineon Technologies AG IKP20N60TA Datasheet HTML 5Page - Infineon Technologies AG IKP20N60TA Datasheet HTML 6Page - Infineon Technologies AG IKP20N60TA Datasheet HTML 7Page - Infineon Technologies AG IKP20N60TA Datasheet HTML 8Page - Infineon Technologies AG IKP20N60TA Datasheet HTML 9Page - Infineon Technologies AG IKP20N60TA Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
IKP20N60TA
TrenchStop®series
Rev.2.2,2013-08-27
DiodeCharacteristic,atTvj=25°C
Diode reverse recovery time
trr
-
41
-
ns
Diode reverse recovery charge
Qrr
-
0.31
-
µC
Diode peak reverse recovery current
Irrm
-
13.3
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
711
-
A/µs
Tvj=25°C,
VR=400V,
IF=20.0A,
diF/dt=880A/µs
SwitchingCharacteristic,InductiveLoad
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
IGBTCharacteristic,atTvj=150°C
Turn-on delay time
td(on)
-
18
-
ns
Rise time
tr
-
17
-
ns
Turn-off delay time
td(off)
-
217
-
ns
Fall time
tf
-
70
-
ns
Turn-on energy
Eon
-
0.47
-
mJ
Turn-off energy
Eoff
-
0.60
-
mJ
Total switching energy
Ets
-
1.07
-
mJ
Tvj=150°C,
VCC=400V,IC=20.0A,
VGE=0.0/15.0V,
rG=12.0
Ω,Lσ=131nH,
C
σ=31pF
L
σ,CσfromFig.E
Energy losses include “tail” and
diode reverse recovery.
DiodeCharacteristic,atTvj=150°C
Diode reverse recovery time
trr
-
201
-
ns
Diode reverse recovery charge
Qrr
-
1.28
-
µC
Diode peak reverse recovery current
Irrm
-
16.6
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
481
-
A/µs
Tvj=150°C,
VR=400V,
IF=20.0A,
diF/dt=800A/µs


Similar Part No. - IKP20N60TA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKP20N60TA INFINEON-IKP20N60TA Datasheet
746Kb / 14P
   IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 12.06.2013
More results

Similar Description - IKP20N60TA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKQ100N60TA INFINEON-IKQ100N60TA Datasheet
2Mb / 16P
   600V low loss switching series third generation
Rev.2.2,2014-11-21
IKQ100N60T INFINEON-IKQ100N60T Datasheet
1Mb / 16P
   600V low loss switching series third generation
Rev.2.2,2014-11-18
IKB20N60TA INFINEON-IKB20N60TA Datasheet
2Mb / 16P
   600V low loss switching series third generation
Rev.2.2,2013-08-21
IKW75N60H3 INFINEON-IKW75N60H3 Datasheet
1Mb / 16P
   600V hibh speed switching series third generation
2011-12-13 revision:1.2
IGW100N60H3 INFINEON-IGW100N60H3 Datasheet
1Mb / 14P
   600V high speed switching series third generation
Rev.1.2,2013-02-07
IKW60N60H3 INFINEON-IKW60N60H3 Datasheet
1Mb / 16P
   600V high speed switching series third generation
2012-05-29 revision:1.2
IGW50N60H3 INFINEON-IGW50N60H3_14 Datasheet
1Mb / 14P
   600V high speed switching series third generation
Rev.2.2,2014-03-12
IGB30N60H3 INFINEON-IGB30N60H3_14 Datasheet
1Mb / 14P
   600V high speed switching series third generation
Rev.2.3,2014-03-11
IGB20N60H3 INFINEON-IGB20N60H3 Datasheet
1Mb / 14P
   600V high speed switching series third generation
Rev.2.3,2014-03-11
IGW50N60H3 INFINEON-IGW50N60H3 Datasheet
1Mb / 14P
   600V high speed switching series third generation
2010-07-26 revision:1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com