Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX52001 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IFX52001
Description  Reduces relay hold current to min. 40mA
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX52001 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IFX52001 Datasheet HTML 2Page - Infineon Technologies AG IFX52001 Datasheet HTML 3Page - Infineon Technologies AG IFX52001 Datasheet HTML 4Page - Infineon Technologies AG IFX52001 Datasheet HTML 5Page - Infineon Technologies AG IFX52001 Datasheet HTML 6Page - Infineon Technologies AG IFX52001 Datasheet HTML 7Page - Infineon Technologies AG IFX52001 Datasheet HTML 8Page - Infineon Technologies AG IFX52001 Datasheet HTML 9Page - Infineon Technologies AG IFX52001 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet
6
Rev.1.01, 2015-10-23
IFX52001
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Integrated protection functions are designed to prevent IC destruction under fault conditions described
in the data sheet. Fault conditions are considered as “outside” normal operating range. Protection
functions are not designed for continuous repetitive operation.
Table 1
Absolute Maximum Ratings 1)
Tj = -40 °C to +125 °C; all voltages with respect to CGND, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Parameter
Symbol
Values
Unit Note or Test Condition
Number
Min.
Typ.
Max.
Pin S (IC Supply)
Voltage at pin S
VS
-0.3
45
V
VS > VIN or VIN open;
IS externally not limited
P_4.1.1
Current into pin S
IS
-400
mA
VS < -0.3V
P_4.1.2
Pin IN (Relay Coil Current Input)
Voltage at pin IN
VIN
-0.3
30
V
VS > VIN or VS open;
IIN externally not limited
P_4.1.3
Current into pin IN
IIN
-250
400
mA
P_4.1.4
Pin D (Delay)
Voltage at pin D
VD
-0.3
6.8
V
P_4.1.5
Temperatures
Junction Temperature
Tj
-40
150
°C
P_4.1.6
Storage Temperature
Tstg
-55
150
°C
P_4.1.7
ESD Susceptibility
ESD Resistivity to CGND
VESD,HBM -2
2
kV
HBM2)
2) ESD susceptibility, Human Body Model “HBM” according to EIA/JESD 22-A114B
P_4.1.8
ESD Resistivity middle pins
VESD,CDM -1
1
kV
CDM3)
3) ESD susceptibility, Charged Device Model “CDM” according to EIA/JESD22-C101 or ESDA STM5.3.1
P_4.1.9


Similar Part No. - IFX52001

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX54211MB INFINEON-IFX54211MB Datasheet
1Mb / 19P
   High PSRR Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-08-26
IFX54211MBV33 INFINEON-IFX54211MBV33 Datasheet
1Mb / 19P
   High PSRR Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-08-26
IFX54211MB INFINEON-IFX54211MB_V33 Datasheet
268Kb / 2P
   Sense2GoL pulse development kit
12 / 2019
IFX54441 INFINEON-IFX54441 Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
IFX54441EJV INFINEON-IFX54441EJV Datasheet
2Mb / 31P
   Wide Input Range Low Noise 300mA LDO
Rev. 1.1, 2014-10-30
More results

Similar Description - IFX52001

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA028MASR8 MSPI-ZA028MASR8 Datasheet
132Kb / 1P
   Current Draw 40mA MAX
ZA028MDCM1 MSPI-ZA028MDCM1 Datasheet
131Kb / 1P
   Current Draw 40mA MAX
ZA028MDDP2 MSPI-ZA028MDDP2 Datasheet
131Kb / 1P
   Current Draw 40mA MAX
ZA028MDMT7 MSPI-ZA028MDMT7 Datasheet
133Kb / 1P
   Current Draw 40mA MAX
ZA028MDDP3 MSPI-ZA028MDDP3 Datasheet
131Kb / 1P
   Current Draw 40mA MAX
ZA028MDMT3 MSPI-ZA028MDMT3 Datasheet
133Kb / 1P
   Current Draw 40mA MAX
ZA028MDSR8 MSPI-ZA028MDSR8 Datasheet
131Kb / 1P
   Current Draw 40mA MAX
ZA028MAPS1 MSPI-ZA028MAPS1 Datasheet
132Kb / 1P
   Current Draw 40mA MAX
ZA028MASP1 MSPI-ZA028MASP1 Datasheet
132Kb / 1P
   Current Draw 40mA MAX
ZA028MASU2 MSPI-ZA028MASU2 Datasheet
132Kb / 1P
   Current Draw 40mA MAX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com