Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS12-38800 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RS12-38800
Description  12-bay SAS/SATA II network storage server with dual CPU quad-core Xeon, RAID, encryption engine and flexible network connectivity
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RS12-38800 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RS12-38800 Datasheet HTML 1Page - List of Unclassifed Manufacturers RS12-38800 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice.
All brand names and trademarks are the registered properties of their respective owners.
Copyright 2009 Lanner Electronics Inc.
About Lanner
Founded in 1986 and publicly listed (TAIEX: 6245) since 2003, Lanner
Electronics Inc. is an ISO 9001 certified designer and manufacturer of
reliable, frontline security, storage and applied computing platforms and
solutions. With headquarters in Taipei, Taiwan and branches in the US
and China, Lanner is uniquely positioned to deliver custom technical solu-
tions with localized, value-added service.
Contact information
Lanner Electronics Inc
7F, 173, Section 2 Datong Road
Sijhih City, Taipei County 221, Taiwan
T +886 2 86926060
F +886 2 86926101
E sales@lannerinc.com
W www.lannerinc.com
FEATURE
DESCRIPTION
Form Factor
3U Rackmount
Platform
Processor
Supports two Intel Dual/Quad Core Xeon
Processors up to 3.0GHz, LGA 771
Chipset
Intel Blackford 5000P + 6321ESB
Front Side Bus
1333/1066 MHz
Max Speed
3GHz
Embedded Accelerator
Cavium CN1010 (optional)
System Memory
Technology
Dual-channel DDR2 FBDIMM 667/533 MHz
Max Capacity
32GB
Socket
240P DIMM x 8
OS Support
Linux Redhat 9.0, Fedora1, 2, 3, WindowsXP
Storage
HDD Bay(s)
12 x 3.5” swappable SATA/SAS HDD trays
Storage Interface
SAS/Serial ATA x 12, CompactFlash (type
II) x 1
RAID
Optional
Networking
No. of ports (Max)
12
Controller
See module specifications
No. of module bays
3
I/O Interface
Console
RJ45 x 1
USB 2.0
2
Expansion
PCI-E
PCI-E (x4) x 1 (rear)
Cooling
Processor
2U CPU active heatsink
System
Cooling fans x 2 (swappable) with Smart Fan
Environmental
Parameters
Temperature, ambient
operating / storage
0ºC ~ 40ºC / -20ºC~70ºC
Humidity (RH), ambient
operating / non-operating
5 ~ 90%, non condensing
5 ~ 95%, non condensing
Miscellaneous
LCD Module
1 x LCD, green & yellow STN, 54mm
x 14.4mm, 2 x 20 Character, supports
standby, backlit while operating
Watchdog
Yes
Internal RTC with Li Battery
Yes
Physical
Dimensions
Dimensions (WxHxD)
610mm x 442mm x 130mm (24” x 17.4”
x 5.12”)
Weight
38 kg (83.8 lbs)
Power
Type / Watts
N+1 Redundant 950W
Input
AC 90~264V at 47~63Hz
Output
+5V 30A, +12V 32A, +3.3V 0-24A, +5Vsb
2A, -12V 0.5A
Approvals &
Compliance
CE Emission, FCC Class A, RoHS
Ordering
Information
RS12-38800
12-bay dual CPU Xeon network storage and
communications appliance
RS12-38800A
12-bay dual CPU Xeon network storage and
communications appliance with Cavium
CN1010 security accelerator onboard
Additional Cards
NSR-38800: PCI-E x 4 Riser Card
Compatible Network
Modules
NCM-IG407A: 4 ports Gigabit RJ-45 with 2
pair bypass
NCM-IG407B: 4 ports Gigabit RJ-45
NCM-IG407C: 2 ports Gigabit RJ-45 with 1
pair bypass
NCM-IG407D: 2 ports Gigabit RJ-45
NCM-IG411A: 4 ports Gigabit SFP
NCM-IG411B: 2 ports Gigabit SFP
NCM-IG208A: 2 ports Gigabit
SFP(1000Base-SX) with 1 pair bypass
NCM-IG208B: 2 ports Gigabit
SFP(1000Base-LX) with 1 pair bypass
NCM-IG419A: 2 ports 10G SFP+
ORDERING INFORMATION
Status Screen
Quad Core Xeon
5100/5200/5300/5400
Expansion Slots
Redundant
Poower Supply
12 SATA II Drive Bays
Add on Modules
Customizable
Faceplates


Similar Part No. - RS12-38800

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RS12005FL GOOD-ARK-RS12005FL Datasheet
383Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
RS12005FL GOOD-ARK-RS12005FL_15 Datasheet
213Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 1.2A
RS1201FL GOOD-ARK-RS1201FL Datasheet
383Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
RS1202FL GOOD-ARK-RS1202FL Datasheet
383Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
RS1204FL GOOD-ARK-RS1204FL Datasheet
383Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
More results

Similar Description - RS12-38800

ManufacturerPart #DatasheetDescription
logo
PLX Technology
OXUFS946DSE PLX-OXUFS946DSE Datasheet
361Kb / 2P
   Dual SATA RAID Controller with Encryption
logo
List of Unclassifed Man...
TS-2RZHD ETC2-TS-2RZHD Datasheet
2Mb / 2P
   12-BAY ENTERPRISE-CLASS NETWORK & ISCSI STORAGE
TS-2RZSD ETC2-TS-2RZSD Datasheet
2Mb / 2P
   12-BAY BUSINESS-CLASS NETWORK & ISCSI STORAGE
logo
Level One
FNS-1020 LVL1-FNS-1020 Datasheet
180Kb / 2P
   1-Bay Simple Network Storage
GNS-4001 LVL1-GNS-4001 Datasheet
838Kb / 3P
   4-Bay Gigabit Network Storage
logo
Advantech Co., Ltd.
ASR-3272 ADVANTECH-ASR-3272 Datasheet
1Mb / 2P
   2U 12-bay Storage Server
logo
AAEON Technology
CRS-700M-4R AAEON-CRS-700M-4R Datasheet
121Kb / 1P
   1U Intel짰 Xeon Quad Core??Network Appliance
CRS-700M-4R AAEON-CRS-700M-4R_15 Datasheet
121Kb / 1P
   1U Intel짰 Xeon Quad Core Network Appliance
logo
PLX Technology
OXUFS936DSE PLX-OXUFS936DSE Datasheet
126Kb / 2P
   Universal Interface to Dual SATA RAID Controller with Encryption
logo
List of Unclassifed Man...
FW-7535 ETC2-FW-7535 Datasheet
127Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel Atom CPU and Six Network Ports
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com