Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVC-5000-B2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LVC-5000-B2
Description  Fanless In-Vehicle NVR with Intel 1047UE/ i7-3517UE Featuring Intel GbE x4 PoEs for IP Cameras with CAN Bus Support
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVC-5000-B2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LVC-5000-B2 Datasheet HTML 1Page - List of Unclassifed Manufacturers LVC-5000-B2 Datasheet HTML 2Page - List of Unclassifed Manufacturers LVC-5000-B2 Datasheet HTML 3Page - List of Unclassifed Manufacturers LVC-5000-B2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
connect@lannerinc.com | www.lannerinc.com
Ordering Information
LVC-5000-B1
Intel® Celeron® 1047UE In-Vehicle NVR Computer, with Intel GbE x4 Ports PoE for IP
cameras. 4GB DDR3 Memory included 1x 2.5” Removable Drive Bay, 1x Internal drive
bay, CAN Bus x 1, Mini-PCIe x3 with three SIM card reader, USB x4, COM x2, DIO, Audio,
HDMI, DC Power input +9~36Vdc with Ignition, Suspension Kit included.
LVC-5000-B2
Intel® Core i7-3517UE In-Vehicle NVR Computer, with Intel GbE x5 Ports (PoE x4) for IP
cameras. 4GB DDR3 Memory included, 2.5” Removable Drive Bay, CAN Bus x 1, Mini-PCIe
x3 with three SIM card reader, USB x4, COM x2, DIO, Audio, HDMI, DC Power input
+9~36Vdc with Ignition, Suspension Kit included.
V1.0


Similar Part No. - LVC-5000-B2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVC-5000-B3 ETC2-LVC-5000-B3 Datasheet
548Kb / 4P
   Fanless In-Vehicle Mobile NVR Computer with Intel i7-3517UE featuring 4x PoEs for IP cameras with Optional CAN Bus Module support for Transport Surveillance Solution
More results

Similar Description - LVC-5000-B2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVC-5000-B3 ETC2-LVC-5000-B3 Datasheet
548Kb / 4P
   Fanless In-Vehicle Mobile NVR Computer with Intel i7-3517UE featuring 4x PoEs for IP cameras with Optional CAN Bus Module support for Transport Surveillance Solution
LVC-5570 ETC2-LVC-5570 Datasheet
512Kb / 4P
   Fanless In-Vehicle Computer with Intel Core i7-3517UE Processor
LVC-5000-A5 ETC2-LVC-5000-A5 Datasheet
535Kb / 4P
   Fanless Mobile Hybrid DVRNVR with Intel Core i7-3517UE featuring 8CH Analogue Video Plus 4 PoEs for Transport Surveilance Solution
LVC-5000-A6 ETC2-LVC-5000-A6 Datasheet
532Kb / 4P
   Fanless Mobile Hybrid DVRNVR with Intel Core i7-3517UE & 16CH Analogue Video Plus 4 PoEs for Transport Surveilance Solution
LVC-5000 ETC2-LVC-5000 Datasheet
222Kb / 2P
   Fanless In-Vehicle Box PC with Intel 847E series Processor featuring 4 GbE LAN Ports
LVC-5000-A2 ETC2-LVC-5000-A2 Datasheet
531Kb / 4P
   Fanless Mobile DVR with Intel Celeron 1047UE & 16CH Fanless Mobile DVR with Intel Celeron 1047UE & 16CH
LVC-5000-A1 ETC2-LVC-5000-A1 Datasheet
534Kb / 4P
   Fanless Mobile DVR with Intel Celeron 1047UE featuring 8CH Analogue Video for Transport Surveilance Solution
logo
AAEON Technology
VPC-5600S AAEON-VPC-5600S Datasheet
185Kb / 1P
   Fanless In-Vehicle Network Video Recorder with Intel Processor
logo
List of Unclassifed Man...
LVC-5570D4-CA ETC2-LVC-5570D4-CA Datasheet
232Kb / 2P
   Fanless In-Vehicle Computer with Intel Celeron 1020E Processor
LVC-1000 ETC2-LVC-1000 Datasheet
293Kb / 2P
   Fanless Vehicle Computer with Intel Quark X1001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com