Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEC-6020D Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LEC-6020D
Description  Fanless Industrial DIN Rail Security Box IPC with Intel짰 Atom??N2600 CPU
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-6020D Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LEC-6020D Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-6020D Datasheet HTML 2Page - List of Unclassifed Manufacturers LEC-6020D Datasheet HTML 3Page - List of Unclassifed Manufacturers LEC-6020D Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Processor Options
Intel® Atom™ N2600 1.6 GHz
Chipset
Intel NM10
BIOS
AMI 8Mbit SPI Flash ROM
System
Memory
Sockets
1 x 204-pin DDR3 SODIMM socket
Technology
Dual-Channel DDR3 1066/1333MHz, unbuffered, Non-ECC
Max. Capacity
2 GB
USB
LEC-6020A: USB 2.0 compliant hosts x 4, Type A connector.
LEC-6020B/C/D: USB 2.0 compliant hosts x 2, Type A connector.
Expansion Bus
Mini-PCIe (LEC-6020A)
OS Support
LEC-6020A/B/D: Linux 2.6, Windows XP Embedded, Window XP, Window 7 Embdded
LEC-6020C: Linux 2.6, Window 7 Embdded
Storage
NAND Flash
None
HDD Support
SATA connector for SSD/HDD expansion, HDD mounting kits (by request)
Expansion
CompactFlash socket Type I/II x1
Networking
LAN
LEC-6020A: 3 x 10/100/1000 Mbps ports, Autosensing, RJ45, with one pair of LAN bypass.
LEC-6020B: 5 x 10/100/1000 Mbps ports, Autosensing, RJ45, with two pairs of LAN bypass
LEC-6020C: 5x10/100/1000Mbps ports, Autosensing, RJ45, with one pair of LAN bypass.
2x 1000 Mbps SFP ports
LEC-6020D: 5x10/100/1000Mbps ports, Autosensing, RJ45, with one pair of LAN bypass.
Controller
LEC-6020A: Intel 82574L x 3, LEC-6020B/6020D: Intel 82574L x 5
LEC-6020C: Intel i210 x 5, 82574L x 2
Magnetic Isolation
Protection
1.5 KV built-in
Serial Interface
Serial Standard
LEC-6020A: 2 x 10 pin terminal block for 4 x RS-232/422/485, 1 x internal header (RS-232
only) LEC-6020B: 1 x internal header (RS-232 only) LEC-6020C/D: 1 x DB9 for RS-232
ESD Protection
15 KV for all signals
Serial Signals
RS-232
RTS, Rx, Tx, CTS, GND
RS-422
TxD+, TxD-, RxD-, RxD+, GND
RS-485
Data+, Data-, GND
Baudrate
Supports 50 bps to 115.2 kbps
Display
Graphics Controller Intel® GMA 3600
Display Interface
internal pinheader
LEDs
LEC-6020A: Power, Storage, Run (user defined), 3 x User defined, 4 x Rx, 4 x Tx.
LEC-6020B/D: Power, Storage, Run (user defined), 3 x User defined
LEC-6020C: Power, Storage, Run(User defined), 3x User deined, 2x SFP
Physical
Characteristics
Housing
Steel, Aluminium
Weight
1 kg
Dimensions(WxHxD) 65 x 146 x 127 mm
Mounting Options
DIN rail and wall mount
Environment
Operating Tempera-
ture
-40~70°C
Storage Temperature -40~85°C
Ambient Relative
Humidity
5 to 95% (non-condensing)
Power
Input Voltage
+12~36 V DC
Power Consumption 14.2 W (full run)
Connector
LEC-6020A: 2-pin terminal block, LEC-6020B/C/D: 6-pin terminal block
Standard and
Regulation
EMC
CE, FCC
Green product
RoHS
Reliability
Alter tool
Built-in buzzer and RTC (real-time clock) with lithium battery backup
Automatic Reboot
Trigger
Watchdog Timer 1~255 level time interval system reset, software programmable
Warranty
2 years
MTBF
54,251 Hrs (LEC-6020A, Power Adapter)


Similar Part No. - LEC-6020D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-6021A ETC2-LEC-6021A Datasheet
170Kb / 2P
   IEC 61850-3 Wide Temperature ICS Cyber Security Box PC with Intel Atom N2600 Processor
More results

Similar Description - LEC-6020D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-3012A ETC2-LEC-3012A Datasheet
150Kb / 1P
   Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??N455 CPU
LEC-3013 ETC2-LEC-3013 Datasheet
150Kb / 1P
   Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??D525 CPU
LEC-3013T ETC2-LEC-3013T Datasheet
217Kb / 4P
   Wide Temperature Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??D525 CPU
LEC-3020 ETC2-LEC-3020 Datasheet
195Kb / 2P
   Fanless Industrial DIN Rail Communication Platform with Intel짰 Atom??N2600 CPU Preliminary Specification
LEC-2312 ETC2-LEC-2312 Datasheet
316Kb / 2P
   Fanless Industrial PC with Intel짰 Atom??N455 CPU
logo
Lanner All Rights Reser...
LEC-3031 LANNER-LEC-3031 Datasheet
499Kb / 2P
   Industrial Grade DIN Rail Box PC with Intel짰 Atom E3825 Processor
logo
Advantech Co., Ltd.
ARK-1122H ADVANTECH-ARK-1122H Datasheet
728Kb / 2P
   Intel짰 Atom??Dual Core N2600 with Independent Dual Displays Fanless Box PC
ARK-1122H ADVANTECH-ARK-1122H_15 Datasheet
728Kb / 2P
   Intel짰 Atom??Dual Core N2600 with Independent Dual Displays Fanless Box PC
SOM-3565 ADVANTECH-SOM-3565_15 Datasheet
829Kb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
SOM-3565 ADVANTECH-SOM-3565 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com